Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 3 Page - Texas Instruments

  LMZ12003EXT Datasheet HTML 1Page - Texas Instruments LMZ12003EXT Datasheet HTML 2Page - Texas Instruments LMZ12003EXT Datasheet HTML 3Page - Texas Instruments LMZ12003EXT Datasheet HTML 4Page - Texas Instruments LMZ12003EXT Datasheet HTML 5Page - Texas Instruments LMZ12003EXT Datasheet HTML 6Page - Texas Instruments LMZ12003EXT Datasheet HTML 7Page - Texas Instruments LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LMZ12003EXT
www.ti.com
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
5 Pin Configuration and Functions
NDW Package
7-Pin
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
EN
3
Enable — Input to the precision enable comparator. Rising threshold is 1.18-V nominal; 90-mV
Analog
hysteresis nominal. Maximum recommended input level is 6.5 V.
EP
—
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during
Ground
operation. Must be electrically connected to pin 4 external to the package.
FB
6
Feedback — Internally connected to the regulation, overvoltage, and short circuit comparators.
Analog
The regulation reference point is 0.8 V at this input pin. Connected the feedback resistor divider
between the output and ground to set the output voltage.
GND
4
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
RON
2
ON-Time Resistor — An external resistor from VIN to this pin sets the ON-time of the
Analog
application. Typical values range from 25 k
Ω to 124 kΩ.
SS
5
Soft-Start — An internal 8-µA current source charges an external capacitor to produce the soft-
Analog
start function. This node is discharged at 200 µA during disable, overcurrent, thermal shutdown
and internal UVLO conditions.
VIN
1
Supply input — Nominal operating range is 4.5 V to 20 V. A small amount of internal
Power
capacitance is contained within the package assembly. Additional external input capacitance is
required between this pin and exposed pad.
VOUT
7
Output Voltage — Output from the internal inductor. Connect the output capacitor between this
Power
pin and exposed pad.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
25
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 sec)
245
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. Test method is per JESD-22-114.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com