Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMZ12003EXT Datasheet HTML 8Page - Texas Instruments LMZ12003EXT Datasheet HTML 9Page - Texas Instruments LMZ12003EXT Datasheet HTML 10Page - Texas Instruments LMZ12003EXT Datasheet HTML 11Page - Texas Instruments LMZ12003EXT Datasheet HTML 12Page - Texas Instruments LMZ12003EXT Datasheet HTML 13Page - Texas Instruments LMZ12003EXT Datasheet HTML 14Page - Texas Instruments LMZ12003EXT Datasheet HTML 15Page - Texas Instruments LMZ12003EXT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
EP
VIN
CIN2
10 2F
Enable
4.5V to 20V
CFF
0.022 2F
U1
CSS
0.022 2F
RFBB
1.07k
LMZ12003EXTTZ-ADJ
1.8VO @ 3A
CO1
1 2F
CO2
100 2F
RON
32.4k
RENT
32.4k
RENB
11.8k
RFBT
1.37k
CIN1
1 2F
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMZ12003EXT is a step-down DC-to-DC power module. It is typically used to convert a higher DC voltage to
a lower DC voltage with a maximum output current of 3 A. The following design procedure can be used to select
components for the LMZ12003EXT. Alternately, the WEBENCH software may be used to generate complete
designs.
When generating a design, the WEBENCH software utilizes iterative design procedure and accesses
comprehensive databases of components. Please go to www.ti.com for more details
8.2 Typical Application
Figure 21. Evaluation Board Schematic Diagram
8.2.1 Design Requirements
For this example the following application parameters exist.
•
VIN Range = Up to 20 V
•
VOUT = 0.8 V to 6 V
•
IOUT = 3 A
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com