Electronic Components Datasheet Search
  English  ▼

X  

LMZ12003EXT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ12003EXT
Description  3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage for Demanding Environments and Rugged Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ12003EXT Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMZ12003EXT Datasheet HTML 12Page - Texas Instruments LMZ12003EXT Datasheet HTML 13Page - Texas Instruments LMZ12003EXT Datasheet HTML 14Page - Texas Instruments LMZ12003EXT Datasheet HTML 15Page - Texas Instruments LMZ12003EXT Datasheet HTML 16Page - Texas Instruments LMZ12003EXT Datasheet HTML 17Page - Texas Instruments LMZ12003EXT Datasheet HTML 18Page - Texas Instruments LMZ12003EXT Datasheet HTML 19Page - Texas Instruments LMZ12003EXT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
LMZ12003EXT
SNVS663H – JUNE 2010 – REVISED AUGUST 2015
www.ti.com
Additionally, consider the minimum OFF-time of 260 ns limits the maximum duty ratio. Larger RON (lower FSW)
must be selected in any application requiring large duty ratio.
8.2.2.6.1
Discontinuous Conduction and Continuous Conduction Modes Selection
Operating frequency in DCM can be calculated as follows:
fSW(DCM) ≊ VO × (VIN – 1) × 6.8 μH × 1.18 × 10
20 × I
O / (VIN – VO) × RON
2
(12)
In CCM, current flows through the inductor through the entire switching cycle and never falls to zero during the
OFF-time. The switching frequency remains relatively constant with load current and line voltage variations. The
CCM operating frequency can be calculated using Equation 7 above.
Figure 22 is a comparison pair of waveforms of the showing both CCM (upper) and DCM operating modes.
VIN = 12 V, VO = 3.3 V, IO = 3 A /0.4 A 2 μs/div
Figure 22. CCM and DCM Operating Modes
The approximate formula for determining the DCM/CCM boundary is as follows:
IDCB ≊ VO × (VIN – VO) / (2 × 6.8 μH × fSW(CCM) × VIN)
(13)
Figure 23 is a typical waveform showing the boundary condition.
VIN = 12 V, VO = 3.3 V, IO = 0.5 A 2 μs/div
Figure 23. Transition Mode Operation
The inductor internal to the module is 6.8
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (ILR). ILR can be calculated with:
ILR P-P = VO × (VIN – VO) / (6.8 µH × fSW × VIN)
where
•
VIN is the maximum input voltage
•
and fSW is determined from Equation 7.
(14)
If the output current IO is determined by assuming that IO = IL, the higher and lower peak of ILR can be
determined. Be aware that the lower peak of ILR must be positive if CCM operation is required.
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LMZ12003EXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com