Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 5 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 5 Page - ON Semiconductor

  AX5042 Datasheet HTML 1Page - ON Semiconductor AX5042 Datasheet HTML 2Page - ON Semiconductor AX5042 Datasheet HTML 3Page - ON Semiconductor AX5042 Datasheet HTML 4Page - ON Semiconductor AX5042 Datasheet HTML 5Page - ON Semiconductor AX5042 Datasheet HTML 6Page - ON Semiconductor AX5042 Datasheet HTML 7Page - ON Semiconductor AX5042 Datasheet HTML 8Page - ON Semiconductor AX5042 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Overview
www.onsemi.com
AX5042
5
1. Overview
1.1.
Features
Advanced multi-channel single
chip UHF transceiver
Configurable for usage in 400-470
(510) MHz MHz and 800-940 (1020)
MHz ISM bands
Wide variety of shaped
modulations supported in RX and
TX (ASK, PSK, OQPSK, MSK, FSK,
GFSK)
Data rates from 1 to 250 kbps (FSK,
MSK, GFSK, GMSK, OQPSK) and 2 to
600kbps (ASK, PSK) with fully
scaling narrow-band channel
filtering
4.8 kHz to 600 kHz programmable
channel filter
Ultra fast settling RF frequency
synthesizer for low-power
consumption
802.15.4 compatible
RS-232 (UART) compatible
RF carrier frequency and FSK
deviation programmable in 1 Hz
steps
Fully integrated frequency
synthesizer with VCO auto-ranging
and band-width boost modes for
fast locking
Few external components
On-chip communication controller
and flexible digital modem
Channel hopping up to 2000 hops/s
Sensitivity down to –123 dBm @ 1.2
kbps FSK
Sensitivity down to –115 dBm @ 10
kbps FSK
Up to +10 dBm (+13 dBm 433 MHz)
programmable transmitter power
amplifier for long range operation
Crystal oscillator with
programmable transconductance
for low cost crystals (a TCXO is
recommended for channel filter BW
< 40 kHz)
Automatic frequency control (AFC)
SPI micro-controller interface
Digital RSSI with 0.625 dB resolution
Fully integrated current/voltage
references
Wire and frame mode
QFN28 package
Low power 17 - 23 mA at 2.5 V
supply during receive and
13 - 37 mA during transmit
24 bit RX/TX FIFO
2.3 V to 2.8 V supply range
Programmable Cyclic Redundancy
Check (CRC-CCITT, CRC-16, CRC-
32)
Optional spectral shaping using a
self synchronized shift register
RoHS compliant
1.2.
Applications
400-470 MHz and 800-940 MHz data
transmission and reception in the Short
Range Device (SRD) band. The frequency
range up to 510 MHz and 1020 MHz is
accessible with higher VDD limit.
Automatic meter reading
FCC Part 90.210 6.25 kHz, 12.5 kHz
and 25 kHz applications
EN 300 220 V 2.1.1
European paging applications
Long range sensor read-out
Long range remote controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com