Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 14Page - ON Semiconductor AX5042 Datasheet HTML 15Page - ON Semiconductor AX5042 Datasheet HTML 16Page - ON Semiconductor AX5042 Datasheet HTML 17Page - ON Semiconductor AX5042 Datasheet HTML 18Page - ON Semiconductor AX5042 Datasheet HTML 19Page - ON Semiconductor AX5042 Datasheet HTML 20Page - ON Semiconductor AX5042 Datasheet HTML 21Page - ON Semiconductor AX5042 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Circuit Description
www.onsemi.com
AX5042
18
5.
Circuit Description
The AX5042 is a true single chip low-power CMOS transceiver primarily for use in SRD bands.
The on-chip transceiver consists of a fully integrated RF front-end with modulator and
demodulator. Base band data processing is implemented in an advanced and flexible
communication controller that enables user friendly communication via the SPI interface or in
direct wire mode.
AX5042 can be operated from 2.3 V to 2.8 V power supply over a temperature range from
-40°C to 85°C, it consumes 13 - 37 mA for transmitting depending on data mode and output
power and 17 - 23 mA for receiving.
The AX5042 features make it an ideal interface for integration into various battery powered
SRD solutions such as ticketing or as transceiver for telemetric applications e.g. in sensors. As
primary application, the transceiver is intended for UHF radio equipment in accordance with
the European Telecommunication Standard Institute (ETSI) specification EN 300 220-1 and the
US Federal Communications Commission (FCC) standard CFR47, part 15. The use of AX5042 in
accordance to FCC Par 15.247, allows for improved range in the 915 MHz band. Additionally
AX5042 is compatible with the low frequency standards of 802.15.4 (ZigBee).
The AX5042 can be operated in two fundamentally different modes.
In wire mode the IC behaves as an extension of any wire. The internal communication
controller is disabled and the modem data is directly available on a dedicated pin (DATA).
The bit clock is also output on a dedicated pin (DCLK). In this mode the user can connect the
data pin to any port of a micro-controller or to a UART, but has to control coding, checksums,
pre and post ambles. The user can choose between synchronous and asynchronous wire
mode, asynchronous wire mode performs RS232 start bit recognition and re-synchronization
for transmit.
In frame mode data is sent and received via the SPI port in frames. Pre- and postambles as
well as checksums can be generated automatically. Interrupts control the data flow
between a micro-controller and the AX5042.
Both modes can be used both for transmit and receive. In both cases the AX5042 behaves
as a SPI slave interface. Configuration of the AX5042 is always done via the SPI interface.
AX5042 supports any data rate from 1.2 kbps to 250 kbps for FSK, GFSK, GMSK , MSK and from
2 kbps to 600 kbps for ASK and PSK. To achieve optimum performance for specific data rates
and modulation schemes several register settings to configure the AX5042 are necessary,
they are outlined in the following, for details see the AX5042 Programming Manual.
Spreading and despreading is possible on all data rates and modulation schemes. The net
transfer rate is reduced by a factor of 15 in this case. For 802.15.4 either 600 or 300 kbps
modes have to be chosen.
The receiver supports multi-channel operation for all data rates and modulation schemes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com