Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 12Page - ON Semiconductor AX5042 Datasheet HTML 13Page - ON Semiconductor AX5042 Datasheet HTML 14Page - ON Semiconductor AX5042 Datasheet HTML 15Page - ON Semiconductor AX5042 Datasheet HTML 16Page - ON Semiconductor AX5042 Datasheet HTML 17Page - ON Semiconductor AX5042 Datasheet HTML 18Page - ON Semiconductor AX5042 Datasheet HTML 19Page - ON Semiconductor AX5042 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Specifications
www.onsemi.com
AX5042
16
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
SBR
Signal bit rate
ASK, PSK
1
600
kbps
PSK
10
600
FSK, MSK, OQPSK, GFSK, GMSK
1
200
kbps
IL
Maximum input level
-20
dBm
CP1dB
Input referred compression point
2 tones separated by 100 kHz
-35
dBm
IIP3
Input referred IP3
-25
RSSIR
RSSI control range
85
dB
RSSIS1
RSSI step size
Before digital channel filter;
calculated from register
AGCCOUNTER
0.625
dB
RSSIS2
RSSI step size
Behind digital channel filter;
calculated from registers
AGCCOUNTER, TRKAMPL
0.1
dB
SEL868
Adjacent channel suppression
FSK 4.8 kbps; notes 1 & 2
22
dB
Alternate channel suppression
22
Adjacent channel suppression
FSK 12.5 kbps ; notes 1 & 3
20
dB
Alternate channel suppression
22
Adjacent channel suppression
FSK 50 kbps; notes 1 & 4
18
dB
Alternate channel suppression
19
Adjacent channel suppression
FSK 100 kbps ; notes 1 & 5
16
dB
Alternate channel suppression
30
Adjacent channel suppression
PSK 200 kbps; notes 1 & 6
17
dB
Alternate channel suppression
28
BLK868
Blocking at +/- 1MHz offset
FSK 4.8 kbps, notes 2 & 7
43
dB
Blocking at - 2MHz offset
51
Blocking at +/- 10MHz offset
74
Blocking at +/- 100MHz offset
82
IMRR868
Image rejection
25
dB
Notes
1.
Interferer/Channel @ BER = 10-3, channel level is +10 dB above the typical sensitivity, the interfering signal is a random data signal (except
PSK200); both channel and interferer are modulated without shaping
2.
FSK 4.8 kbps: 868 MHz, 20kHz channel spacing, 2.4 kHz deviation, programming as recommended in Programming Manual
3.
FSK 12.5 kbps: 868 MHz, 50kHz channel spacing, 6.25 kHz deviation, programming as recommended in Programming Manual
4.
FSK 50 kbps: 868 MHz, 200 kHz channel spacing, 25 kHz deviation, programming as recommended in Programming Manual
5.
FSK 100 kbps: 868 MHz, 400kHz channel spacing, 50 kHz deviation , programming as recommended in Programming Manual
6.
PSK 200 kbps: 868 MHz, 400kHz channel spacing, programming as recommended in Programming Manual, interfering signal is a constant
wave
7.
Channel/Blocker @ BER = 10-3, channel level is +10dB above the typical sensitivity, the blocker signal is a constant wave; channel signal is
modulated without shaping, the image frequency lies 2 MHz above the wanted signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com