Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 6 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 2Page - ON Semiconductor AX5042 Datasheet HTML 3Page - ON Semiconductor AX5042 Datasheet HTML 4Page - ON Semiconductor AX5042 Datasheet HTML 5Page - ON Semiconductor AX5042 Datasheet HTML 6Page - ON Semiconductor AX5042 Datasheet HTML 7Page - ON Semiconductor AX5042 Datasheet HTML 8Page - ON Semiconductor AX5042 Datasheet HTML 9Page - ON Semiconductor AX5042 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Block Diagrams
www.onsemi.com
AX5042
6
2.
Block Diagrams
Figure 1 Functional block diagram of the AX5042
AX5042
4
ANTP
5
ANTN
IF Filter &
AGC PGAs
AGC
Crystal
Oscillator
typ.
16 MHz
FOUT
RF Frequency
Generation
Subsystem
FXTAL
Communication Controller &
Serial Interface
Divider
ADC
Digital IF
channel
filter
LNA
PA
De-
modulator
Modulator
Mixer
13
27 28
RSSI
Chip configuration
12
23
19
16
15
14
17
21
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com