Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 25Page - ON Semiconductor AX5042 Datasheet HTML 26Page - ON Semiconductor AX5042 Datasheet HTML 27Page - ON Semiconductor AX5042 Datasheet HTML 28Page - ON Semiconductor AX5042 Datasheet HTML 29Page - ON Semiconductor AX5042 Datasheet HTML 30Page - ON Semiconductor AX5042 Datasheet HTML 31Page - ON Semiconductor AX5042 Datasheet HTML 32Page - ON Semiconductor AX5042 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Circuit Description
www.onsemi.com
AX5042
29
A typical PWRMODE and APEOVER sequence for a transmit session :
Step
PWRMODE
APEOVER
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
SYNTHTX
The synthesizer settling time is 5 – 50 μs depending on settings, see section AC
Characteristics
4
FULLTX
Data transmission
5
POWERDOWN
A typical PWRMODE and APEOVER sequence for a receive session :
Step
PWRMODE
APEOVER
Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms
3
SYNTHRX
The synthesizer settling time is 5 – 50 μs depending on settings, see section AC
Characteristics
4
FULLRX
Data reception
5
POWERDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com