Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 3Page - ON Semiconductor AX5042 Datasheet HTML 4Page - ON Semiconductor AX5042 Datasheet HTML 5Page - ON Semiconductor AX5042 Datasheet HTML 6Page - ON Semiconductor AX5042 Datasheet HTML 7Page - ON Semiconductor AX5042 Datasheet HTML 8Page - ON Semiconductor AX5042 Datasheet HTML 9Page - ON Semiconductor AX5042 Datasheet HTML 10Page - ON Semiconductor AX5042 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Pin Function Descriptions
www.onsemi.com
AX5042
7
3.
Pin Function Descriptions
Symbol
Pin(s)
Type
Description
NC
1
N
Not to be connected
VDD
2
P
Power supply
GND
3
G
Ground
ANTP
4
A
Antenna input/output
ANTN
5
A
Antenna input/output
GND
6
P
Ground
VDD
7
P
Power supply
NC
8
N
Not to be connected
LPFILT
9
A
Pin for optional external synthesizer loop filter; leave unconnected if not used
It is recommended to use the internal loop filter
NC
10
N
Not to be connected
GND
11
P
Ground
RESET_N
12
I
Optional reset input. If not used this pin must be connected to VDD.
SYSCLK
13
I/O
Default functionality: Crystal oscillator (or divided) clock output
Can be programmed to be used as a general purpose I/O pin
SEL
14
I
Serial peripheral interface select
CLK
15
I
Serial peripheral interface clock
MISO
16
O
Serial peripheral interface data output
MOSI
17
I
Serial peripheral interface data input
DATA
18
I/O
In wire mode: Data input/output
Can be programmed to be used as a general purpose I/O pin
IRQ_TXEN
19
I/O
In frame mode: Interrupt request output
In wire mode: Transmit enable input
Can be programmed to be used as a general purpose I/O pin
VDD
20
P
Power supply
DCLK
21
I/O
In wire mode: Clock output
Can be programmed to be used as a general purpose I/O pin
GND
22
P
Ground
PWRUP
23
I/O
Power-up/-down input; activates/deactivates analog blocks
Can be programmed to be used as a general purpose I/O pin
If the power-up/-down functionality is handled in software and no usage as
general purpose I/O pin is planned then this pin should be tied to VDD
NC
24
N
Not to be connected
NC
25
N
Not to be connected
VDD
26
P
Power supply
CLK16P
27
A
Crystal oscillator input/output
CLK16N
28
A
Crystal oscillator input/output
A = analog signal
I/O
= digital input/output signal
I
= digital input signal
N
= not to be connected
O =
digital output signal
P
= power or ground
All digital inputs are Schmitt trigger inputs, digital input and output levels are LVCMOS/LVTTL compatible and 3.3V/5V
tolerant
.
The centre pad of the QFN28 package should be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com