Electronic Components Datasheet Search
  English  ▼

X  

AX5042 Datasheet(PDF) 10 Page - ON Semiconductor

Part # AX5042
Description  Advanced multi-channel single chip UHF transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5042 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button AX5042 Datasheet HTML 6Page - ON Semiconductor AX5042 Datasheet HTML 7Page - ON Semiconductor AX5042 Datasheet HTML 8Page - ON Semiconductor AX5042 Datasheet HTML 9Page - ON Semiconductor AX5042 Datasheet HTML 10Page - ON Semiconductor AX5042 Datasheet HTML 11Page - ON Semiconductor AX5042 Datasheet HTML 12Page - ON Semiconductor AX5042 Datasheet HTML 13Page - ON Semiconductor AX5042 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Specifications
www.onsemi.com
AX5042
10
4.2.
DC Characteristics
Supplies
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
TAMB
Operational ambient temperature
-40
27
85
°C
VDD
Power supply voltage
2.3
2.5
2.8
V
IPDOWN
Power-down current
0.5
μA
IRX
Current consumption RX
868 MHz; bit rate 10 kBit/s
21
mA
868 MHz; bit rate 10 kBit/s
low power mode, note 1
17
868 MHz; bit rate 600 kBit/s
23
868 MHz; bit rate 600 kBit/s
low power mode, note 1
19
433 MHz; bit rate 10 kBit/s
21
433 MHz; bit rate 10 kBit/s
low power mode, note 1
17
433 MHz; bit rate 600 kBit/s
23
433 MHz; bit rate 600 kBit/s
low power mode, note 1
19
ITX
Current consumption TX
868 MHz, 10 dBm
36
mA
868 MHz, 4 dBm
23
868 MHz, 0 dBm
19
868 MHz, -12 dBm
13
433 MHz, 12 dBm
37
433 MHz, 6 dBm
24
433 MHz, 2 dBm
20
433 MHz, -8 dBm
13
Notes
1.
Low power mode requires reprogramming of the device reference current (REF_I) as well as the synthesizer VCO current (VCO_I) and
there are trade-offs with the lowest achievable power supply value as well as with sensitivity. Sensitivities and operating conditions in this
data-sheet do not refer to low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com