Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 11 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 7Page - ON Semiconductor AX5051 Datasheet HTML 8Page - ON Semiconductor AX5051 Datasheet HTML 9Page - ON Semiconductor AX5051 Datasheet HTML 10Page - ON Semiconductor AX5051 Datasheet HTML 11Page - ON Semiconductor AX5051 Datasheet HTML 12Page - ON Semiconductor AX5051 Datasheet HTML 13Page - ON Semiconductor AX5051 Datasheet HTML 14Page - ON Semiconductor AX5051 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Specifications
www.onsemi.com
AX5051
11
Note on current consumption in TX mode
To achieve best output power the matching network has to be optimized for the desired
output power and frequency. As a rule of thumb a good matching network produces
about 50% efficiency with the AX5051 power amplifier although over 90% are
theoretically possible. A typical matching network has between 1 dB and 2 dB loss (Ploss).
The current consumption can be calculated as
ITX[mA]=1/PAefficiency*10^((Pout[dBm]+Ploss[dB])/10)/2.5V+Ioffset
Ioffset is about 12 mA for the VCO at 400-470 MHz and 11 mA for 800-940 MHz. The
following table shows calculated current consumptions versus output power for Ploss = 1
dB, PAefficiency = 0.5 and Ioffset= 11 mA at 868 MHz
Pout [dBm]
I [mA]
0
13.0
1
13.2
2
13.6
3
14.0
4
14.5
5
15.1
6
16.0
7
17.0
8
18.3
9
20.0
10
22.0
11
24.6
12
27.96
13
32.1
14
37.3
15
43.8
The AX5051 power amplifier runs from the regulated VDD supply and not directly from
the battery. This has the advantage that the current and output power do not vary much
over supply voltage and temperature from 2.55 V to 3.6 V supply voltage. Between 2.55
V and 2.2 V a drop of about 1 dB in output power occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com