Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 17Page - ON Semiconductor AX5051 Datasheet HTML 18Page - ON Semiconductor AX5051 Datasheet HTML 19Page - ON Semiconductor AX5051 Datasheet HTML 20Page - ON Semiconductor AX5051 Datasheet HTML 21Page - ON Semiconductor AX5051 Datasheet HTML 22Page - ON Semiconductor AX5051 Datasheet HTML 23Page - ON Semiconductor AX5051 Datasheet HTML 24Page - ON Semiconductor AX5051 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Circuit Description
www.onsemi.com
AX5051
21
Alternatively a single ended reference (TXCO, CXO) may be used. The CMOS levels
should be applied to CLK16P via an AC coupling with the crystal oscillator enabled.
5.3. SYSCLK Output
The SYSCLK pin outputs the reference clock signal divided by a programmable integer.
Divisions from 1 to 2048 are possible. For divider ratios > 1 the duty cycle is 50%. Bits
SYSCLK[3:0] in the
PINCFG1 register set the divider ratio. The SYSCLK output can be
disabled.
Outputting a frequency that is identical to the IF frequency (default 1 MHz) on the
SYSCLK pin is not recommended during receive operation, since it requires extensive
decoupling on the PCB to avoid interference.
5.4. Power-on-reset (POR) and RESET_N Input
AX5051 has an integrated power-on-reset block. No external POR circuit or signal at the
RESET_N pin is required, prior to POR the RESET_N pin is disabled.
After POR the AX5051 can be reset in two ways:
1. By SPI accesses: the bit RST in the
PWRMODE register is toggled.
2. Via the RESET_N pin: A low pulse is applied at the RESET_N pin. With the rising
edge of RESET_N the device goes into its operational state.
After POR or reset all registers are set to their default values.
If the RESET_N pin is not used it must be tied to VDD_IO.
5.5. RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a fully integrated synthesizer, which
multiplies the reference frequency from the crystal oscillator to get the desired RF
frequency. The advanced architecture of the synthesizer enables frequency resolutions of
1 Hz, as well as fast settling times of 5 – 50 s depending on the settings (see section
4.3: AC Characteristics). Fast settling times mean fast start-up and fast RX/TX switching,
which enables low-power system design.
For receive operation the RF frequency is fed to the mixer, for transmit operation to the
power-amplifier.
The frequency must be programmed to the desired carrier frequency. The RF frequency
shift by the IF frequency that is required for RX operation, is automatically set when the
receiver is activated and does not need to be programmed by the user. The default IF
frequency is 1 MHz. It can be programmed to other values. Changing the IF-frequency
and thus the centre frequency of the digital channel filter can be used to adapt the
blocking performance of the device to specific system requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com