Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 29 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 25Page - ON Semiconductor AX5051 Datasheet HTML 26Page - ON Semiconductor AX5051 Datasheet HTML 27Page - ON Semiconductor AX5051 Datasheet HTML 28Page - ON Semiconductor AX5051 Datasheet HTML 29Page - ON Semiconductor AX5051 Datasheet HTML 30Page - ON Semiconductor AX5051 Datasheet HTML 31Page - ON Semiconductor AX5051 Datasheet HTML 32Page - ON Semiconductor AX5051 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Circuit Description
www.onsemi.com
AX5051
29
5.12. Modulator
Depending on the transmitter settings the modulator generates various inputs for the PA:
Modulation
Bit = 0
Bit = 1
Main Lobe
Bandwidth
Max. Bitrate
ASK
PA off
PA on
BW=BITRATE
600 kBit/s
FSK / MSK
f=-fdeviation
f=+fdeviation
BW=(1+h) BITRATE
350 kBit/s
PSK
=00
=1800
BW=BITRATE
600 kBit/s
h
Modulation index. It is the ratio of the deviation compared to the bit-rate.
AX5051 can demodulate signals with h < 32.
fdeviation
0.5hBITRATE
ASK
Amplitude shift keying
FSK
Frequency shift keying
MSK
Minimum shift keying.
MSK is a special case of FSK, where h = 0.5, and therefore fdeviation = 0.25BITRATE; the
advantage of MSK over FSK is that it can be demodulated more robustly.
PSK
Phase shift keying
OQPSK
Offset quadrature shift keying.
The AX5051 supports OQPSK. However, unless compatibility to an existing system is
required, MSK should be preferred.
All modulation schemes are binary.
5.13. Automatic Frequency Control (AFC)
The AX5051 has a frequency tracking register
TRKFREQ to synchronize the receiver
frequency to a carrier signal. For AFC adjustment, the frequency offset can be computed
with the following formula:
FSKMUL
BITRATE
TRKFREQ
f
16
2
.
FSKMUL is the FSK oversampling factor, it depends on the FSK bit-rate and deviation
used. To determine it for a specific case, see the AX5051 Programming Manual. For
modulations other than FSK, FSKMUL=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com