| Electronic Components Datasheet Search |
|
AX5051 Datasheet(PDF) 32 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AX5051 Datasheet(HTML) 32 Page - ON Semiconductor |
|
32 / 44 page ![]() Circuit Description www.onsemi.com AX5051 32 5.15. Serial Peripheral Interface (SPI) The AX5051 can be programmed via a four wire serial interface according SPI using the pins CLK, MOSI, MISO and SEL. Registers for setting up the AX5051 are programmed via the serial peripheral interface in all device modes. When the interface signal SEL is pulled low, a 16-bit configuration data stream is expected on the input signal pin MOSI, which is interpreted as D0...D7, A0...A6, R_N/W. Data read from the interface appears on MISO. Figure 3 shows a write/read access to the interface. The data stream is built of an address byte including read/write information and a data byte. Depending on the R_N/W bit and address bits A[6..0], data D[7..0] can be written via MOSI or read at the pin MISO. R_N/W = 0 means read mode, R_N/W = 1 means write mode. The read sequence starts with 7 bits of status information S[6..0] followed by 8 data bits. The status bits contain the following information: S6 S5 S4 S3 S2 S1 S0 PLL LOCK FIFO OVER FIFO UNDER FIFO FULL FIFO EMPTY FIFOSTAT(1) FIFOSTAT(0) SPI Timing Tsh R/W SS SCK MOSI MISO A6 A5 A4 A3 A2 A1 D7 A0 D6 D5 D4 D0 D1 D2 D3 D7 D6 D5 D4 D3 D2 D1 D0 S6 S5 S4 S3 S2 S1 S0 Tssd Tco Tss Tck TchTcl Th Ts Tssz Figure 3 Serial peripheral interface timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |