Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 18 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 14Page - ON Semiconductor AX5051 Datasheet HTML 15Page - ON Semiconductor AX5051 Datasheet HTML 16Page - ON Semiconductor AX5051 Datasheet HTML 17Page - ON Semiconductor AX5051 Datasheet HTML 18Page - ON Semiconductor AX5051 Datasheet HTML 19Page - ON Semiconductor AX5051 Datasheet HTML 20Page - ON Semiconductor AX5051 Datasheet HTML 21Page - ON Semiconductor AX5051 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Specifications
www.onsemi.com
AX5051
18
SPI Timing
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
Tss
SEL falling edge to CLK rising edge
10
ns
Tsh
CLK falling edge to SEL rising edge
10
ns
Tssd
SEL falling edge to MISO driving
0
10
ns
Tssz
SEL rising edge to MISO high-Z
0
10
ns
Ts
MOSI setup time
10
ns
Th
MOSI hold time
10
ns
Tco
CLK falling edge to MISO output
10
ns
Tck
CLK period
Note 1
50
ns
Tcl
CLK low duration
40
ns
Tch
CLK high duration
40
ns
Notes
1.
For SPI access during power-down mode the period should be relaxed to 100ns.
For a figure showing the SPI timing parameters see section 5.15: Serial Peripheral
Interface (SPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com