Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 35Page - ON Semiconductor AX5051 Datasheet HTML 36Page - ON Semiconductor AX5051 Datasheet HTML 37Page - ON Semiconductor AX5051 Datasheet HTML 38Page - ON Semiconductor AX5051 Datasheet HTML 39Page - ON Semiconductor AX5051 Datasheet HTML 40Page - ON Semiconductor AX5051 Datasheet HTML 41Page - ON Semiconductor AX5051 Datasheet HTML 42Page - ON Semiconductor AX5051 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Application Information
www.onsemi.com
AX5051
39
39
7.2. Antenna Interface Circuitry
The ANTP and ANTN pins provide RF input to the LNA when AX5051 is in receiving
mode, and RF output from the PA when AX5051 is in transmitting mode. A small
antenna can be connected with an optional translation network.
The network must
provide DC power to the PA and LNA. A biasing to VREG is necessary.
Beside biasing and impedance matching, the proposed networks also provide low pass
filtering to limit spurious emission.
Single-Ended Antenna Interface
CC1
CB1
LT2
50
single-
ended
equipment
or antenna
IC Antenna
Pins
VREG
VREG
LT1
LC2
LC1
CM1
LB1
CB2
LB2
CF1
CF2
LF1
CT1
CT2
CC2
CM2
Optional filter
stage to suppress
TX harmonics
Figure 5 Structure of the antenna interface to 50  single-ended equipment or antenna
Frequency
Band
LC1,2
[nH]
CC1,2
[pF]
LT1,2
[nH]
CT1,2
[pF]
CM1,2
[pF]
LB1,2
[nH]
CB1,2
[pF]
LF1
[nH]
CF1,2
[pF]
868 / 915
MHz
68
0.9
12
18
2.4
12
2.7
0
OHM
N.C.
433 MHz
120
2.2
39
7.5
6.0
27
5.2
0
OHM
N.C
7.3. Voltage Regulator
The AX5051 has an integrated voltage regulator, which generates a stable supply
voltage VREG from the voltage applied at VDD_IO. Use VREG to supply all the VDD
supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com