Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 12Page - ON Semiconductor AX5051 Datasheet HTML 13Page - ON Semiconductor AX5051 Datasheet HTML 14Page - ON Semiconductor AX5051 Datasheet HTML 15Page - ON Semiconductor AX5051 Datasheet HTML 16Page - ON Semiconductor AX5051 Datasheet HTML 17Page - ON Semiconductor AX5051 Datasheet HTML 18Page - ON Semiconductor AX5051 Datasheet HTML 19Page - ON Semiconductor AX5051 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Specifications
www.onsemi.com
AX5051
16
Transmitter
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
SBR
Signal bit rate
ASK
1
600
kbps
PSK
10
600
FSK, note 2
1
350
802.15.4 (DSSS)
ASK and PSK
1
40
802.15.4 (DSSS)
FSK
1
16
PTX868
Transmitter power
@ 868 MHz
TXRNG=1111
LOCURST=1
15
dBm
PTX433
Transmitter power
@ 433 MHz
TXRNG=1111
LOCURST=1
16
dBm
PTX868-harm2
Emission @ 2nd harmonic
Note 1
-50
dBc
PTX868-harm3
Emission @ 3rd harmonic
-55
Notes
1.
Additional low-pass filtering was applied to the antenna interface, see section 7: Application Information.
2.
1-200 kbps with a 16 MHz crystal, 200-350 kbps with a 24 MHz crystal
Receiver
Datarate
Input sensitivity in dBm TYP. at SMA connector for BER=10-3 (433 or 868 MHz)
kbps
ASK
FSK h=1
FSK h=4
FSK h=8
FSK h=16
PSK
1.2
-115
-116
2
-115
-115
10
-103
-109
-110
100
-97
-103
-98
-104
200
-94
-100
-100
600
-90
-98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com