Electronic Components Datasheet Search
  English  ▼

X  

AX5051 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX5051
Description  Advanced multi-channel single chip UHF transceiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5051 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX5051 Datasheet HTML 9Page - ON Semiconductor AX5051 Datasheet HTML 10Page - ON Semiconductor AX5051 Datasheet HTML 11Page - ON Semiconductor AX5051 Datasheet HTML 12Page - ON Semiconductor AX5051 Datasheet HTML 13Page - ON Semiconductor AX5051 Datasheet HTML 14Page - ON Semiconductor AX5051 Datasheet HTML 15Page - ON Semiconductor AX5051 Datasheet HTML 16Page - ON Semiconductor AX5051 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Specifications
www.onsemi.com
AX5051
13
4.3. AC Characteristics
Crystal Oscillator
SYMBOL
DESCRIPTION
CONDITION
MIN.
TYP.
MAX.
UNIT
fXTAL
Crystal frequency
Note 1, 3
15.5
16
25
MHz
gmosc
Transconductance oscillator
XTALOSCGM=0000
1
mS
XTALOSCGM=0001
2
XTALOSCGM =0010
default
3
XTALOSCGM =0011
4
XTALOSCGM =0100
5
XTALOSCGM =0101
6
XTALOSCGM =0110
6.5
XTALOSCGM =0111
7
XTALOSCGM =1000
7.5
XTALOSCGM =1001
8
XTALOSCGM =1010
8.5
XTALOSCGM =1011
9
XTALOSCGM =1100
9.5
XTALOSCGM =1101
10
XTALOSCGM =1110
10.5
XTALOSCGM =1111
11
Cosc
Programmable tuning
capacitors
at pins CLK16N and CLK16P
XTALCAP = 000000
default
2
pF
XTALCAP = 111111
33
pF
Cosc-lsb
Programmable tuning
capacitors, increment per LSB
of XTALCAP
0.5
pF
fext
External clock input
Note 2, 3
15.5
16
25
MHz
RINosc
Input DC impedance
10
k
Notes
1.
Tolerances and start-up times depend on the crystal used. Depending on the RF frequency and channel spacing the IC must be calibrated
to the exact crystal frequency using the readings of the register TRKFREQ
2.
If an external clock is used, it should be input via an AC coupling at pin CLK16P with the oscillator powered up and XTALCAP=000000
3.
Lower frequencies than 15.5 MHz or higher frequencies than 25 MHz can be used. However not all typical RF frequencies can than be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com