Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation MH88511 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-60
MH88510/11
Preliminary Information
AC Gains Table - MH88510
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
AC Gains Table - MH88511†
† AC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
Note1: All of the above test conditions use 754
Ω connected between JUNC and GRD, and 600W connected between Tip and Ring unless
otherwise stated.
Note 2: All of the above test conditions use 200Hz to 6400Hz unless otherwise stated.
Figure 6 - Typical Protection Circuit
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Gain 2-Wire to Junctor
1.05
0.42
1.12
0.98
1.19
1.51
V/V
dBV
Input 0.5V 1kHz
Input 0.5V 1kHz
2
Frequency Response Gain
(relative to gain at 1kHz)
-0.3
0.3
dB
200Hz - 3400Hz
3
Gain Junctor to 2-Wire
0.96
-0.35
1.00
0.0
1.04
0.35
V/V
dBV
Input 0.5V 1kHz
Input 0.5V 1kHz
4
Frequency Response Gain
(relative to gain at 1kHz)
-0.3
0.3
dB
200Ηz - 3400Hz
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Gain 2-Wire to Junctor
1.15
0.21
1.19
1.50
1.22
1.72
V/V
dBV
Input 0.5V 1kHz
Input 0.5V 1kHz
2
Frequency Response Gain
(relative to gain at 1kHz)
-0.3
0.3
dB
200Hz - 3400Hz
3
Gain Junctor to 2-Wire
1.04
0.34
1.08
0.67
1.11
0.91
V/V
dBV
Input 0.5V 1kHz
Input 0.5V 1kHz
4
Frequency Response Gain
(relative to gain at 1kHz)
-0.3
0.3
dB
200Hz - 3400Hz
TIP
RING
MH88510/11
AGND
PROTECTION CIRCUIT
TIP
RING
RV3
RV2
RV1
EARTH GROUND
SYSTEM
GROUND
1
3
7
Notes
RV1,2,3 = 175VAC, 225VAC, 15J
GE V175LA2 or similar



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com