Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation MH88511 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-59
Preliminary Information
MH88510/11
AC and DC Loop Electrical Characteristics*
* AC and DC Loop Electrical Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
x The SLIC can be loaded with an AC impedance as low as 2200
Ω without generating a false SHK output. Since each REN represents 8kΩ,
the SLIC can drive a REN of 3.6 without generating a false SHK output.
y See section on Tip-Ring Drive Circuit for driving longer lines.
AC Electrical Characteristics
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Maximum AC Ringing
Current Rejection x
44
mA
2
Ring Trip Detect Time
125
ms
3
Operating Loop Current
VBAT = -48V
VBAT = -23V
IIP
18
18
23
23
28
28
mA
mA
RLoop < 2000Ω
RLoop < 600Ω
4
Maximum Operating Loop
Resistance y
VBAT = -48V
VBAT = -23V
RIP
2000
600
Ω
Ω
ILoop = 18mA
ILoop = 18mA
5
Loop Current at
Off-Hook Detect Threshold
ISH
8
9
10
11
12
13
µA
µA
VDD = 5.0V, VEE = -5.0V
VDD = 7.0V, VEE = -8.0V
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Return Loss at 2-Wire
20
30
dB
Reference 600
Ω
@ 1kHz
2
Impedance at Junctor
604
Ω
3
Longitudinal to Metallic Balance
50
60
dB
40Hz - 4kHz
4
Longitudinal to Junctor Balance
50
60
dB
40Hz - 4kHz
5
Signal Output Overload Level
at 2-Wire
at Junctor
3.5
3.5
dBm
dBm
% THD < 5%
Reference: 600
Ω
Reference: 754
Ω
6
Total Harmonic Distortion
at 2-Wire
at Junctor
THD
1.0
1.0
%
%
Input 0.5V 1kHz
7
Idle Channel Noise
at 2-Wire
at Junctor
Nc
12
12
dBrnc
dBrnc
Reference: 600
Ω
Reference: 754
Ω
8
Power Supply Rejection Ratio at
2-Wire and Junctor
VDD
VEE
VBAT
PSRR
25
25
25
dB
dB
dB
Ripple 0.1V 1kHz
9
Mute Attenuation
30
dB
Input 0.5V MUTE
= 0.0V @1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com