Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88511 Datasheet HTML 1Page - Mitel Networks Corporation MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-54
MH88510/11
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TIP
Tip Lead. Connects to the “Tip” lead (A-wire) of the telephone line.
2VDD
Positive Power Supply Voltage. Normally +5V. This provides current for both internal
circuitry as well as the loop. Not internally connected to pin 12.
3
RING
Ring Lead. Connects to the “Ring” lead (B-wire) of the telephone line.
4RF
Ring Feed. Connect to the Ring Relay contact. See Figure 5.
5
TF
Leave open circuit
6
VBAT
Battery Voltage Supply. Normally -24V or -48V. Not internally connected to pin 14.
7AGND
Analog Ground. Supply and battery ground. Internally connected to pin 13. For
optimum performance connect pin 7 to pin 13.
8VEE
Negative Power Supply Voltage. Normally -5V.
9LED
LED Drive (Output). Drives an LED directly. A logic low indicates an off-hook condition.
10
SHK
Switch Hook Detect (Output). A logic low indicates an off-hook condition.
11
IC
Internal Connection. This pin is connected internally
12
VDD
Positive Power Supply Voltage. Normally +5V. This provides current for both internal
circuitry as well as the loop.
13
AGND
Analog Ground. Supply and battery ground. Internally connected to pin 13. For
optimum performance connect pin 13 to pin 7.
14
VBAT
Battery Voltage Supply. Normally -24V or -48V. Not internally connected to pin 6.
15
MUTE
MUTE (Input). A logic low will mute signals coming from Tip-Ring to the JUNC.
16
JUNC
Receive/transmit audio speech path. (Referenced to 0V GND).
17
RRD
Ring Relay Drive (Output). Connects to the ring relay coil. A logic low activates the
relay.
18
RGND
Relay Ground. Return path for relay supply votlage. Normally connected to AGND.
19
RRC
Ring Relay Control (Input). A logic high activates the Ring Relay Drive (RRD) outputs.
20
VRLY
Relay Positive Supply Voltage. Normally +5V. Connects to the relay coil and the relay
supply voltage. An internal clamp diode from VRLY to RGND is provided.
TIP
VDD
RING
TF
VBAT
AGND
VEE
LED
SHK
IC
VDD
AGND
VBAT
MUTE
JUNCTOR
RRD
RF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com