Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation MH88511 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-58
MH88510/11
Preliminary Information
Absolute Maximum Ratings†
† Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25
°C with nominal+ 5V supplies and are for design aid only: not guaranteed and not subject to production testing.
† DC Electrical Characteristics are over recommended operating conditions with VDD at +5.0V and VEE at -5V ± 5% unless otherwise stated.
‡ Typical figures are at 25
°C with nominal+ 5V supplies and are for design aid only: not guaranteed and not subject to production testing.
x Supply Current and Power Consumption characteristics are over recommended operating conditions with VDD at 5.0V, VEE at -5.0V and VBAT at -48V. Note that
loop current flows through both the VBAT and the VDD supply.
y SHK output consists of a 100k
Ω resistor in series with an op-amp with a minimum output voltage swing of ±3.25V.
z LED outputs consists of a 2.5k
Ω resistor in series with SHK op-amp output.
RRC input consists of a 5kW resistor in series with the base lead of the relay driver transistor (grounded emitter).
{ The MUTE input is internally pulled up. With no input connection, the voltage level at the MUTE input is typically at 1.5V.
Parameter
Symbol
Min
Max
Units
1
DC Supply Voltage
VDD
VEE
-0.3
0.3
15
-15
V
V
2
DC Battery Voltage
VBAT
0.3
-60
V
3
DC Relay Voltage
VRLY
-0.3
20
V
4
AC Ring Generator Voltage
150
VRMS
5
Storage Temperature
TS
-55
125
°C
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
DC Supply Voltage
VDD
VEE
4.75
-4.75
5.0
-5.0
7.35
-8.40
V
V
2
DC Battery Voltage
VBAT
-23
-48
-56
V
3
DC Relay Voltage
VRLY
5.0
15
V
4
AC Ring Generator Voltage
Ringing Generator Frequency
17
90
105
33
VRMS
Hz
5
Operating Temperature
TOP
070
°C
DC Electrical Characteristics†
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Supply Current:
Open Loop
Normal Loop
Short Loop
IDD
IEE
IBAT
IDD
IEE
IBAT
IDD
IEE
IBAT
15
15
15
43
15
43
43
15
43
mA
mA
mA
mA
mA
mA
mA
mA
mA
RLOOP = Open
RLOOP = 1000Ω
RLOOP = 0Ω
2
Power Consumptionx: Open Loop
Normal Loop
Short Loop
PC
PC
PC
880
2360
2360
mW
mW
mW
RLOOP = Open
RLOOP = 1000Ω
RLOOP = 0Ω
3
Low Level Output Voltage y
High Level Output Voltage
VOL
VOH
-3.0
3.0
V
V
IOL = 2µA
IOH = 2µA
4
Sink Current, LED to AGND y
Sink Current, LED to VDD
IOL
IOH
0.6
2.5
mA
mA
VOL = -1.5V
VOL = 3.25V
5
Sink Current, Relay to VDD
Clamp Diode Current
IOL
ICD
100
150
mA
mA
VOL = 0.35V
6
High Level Input Voltage z
VIH
3.5
V
IIL = 1.0mA
7
Low Level Input Voltage {
VIL
0.8
V
IIL = 0.5mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com