Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation MH88511 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2-61
Preliminary Information
MH88510/11
Figure 7 - MH88511 as a Trunk Interface Application
Figure 8a - Line to Line
MH88511
J
T
R
T1
C2
R1
R2
Q1
R3
C4
D3
D6
D4
D5
Q2
C3
Q3
R7
+5V
D8
C5
R4
C6
R6
R5
D7
+5V
R9
VAR1
TIL111
RING
DET
VAR2
R8
VAR3
2
6
4
5
1
TIP
RELAY
LINE SEIZE
RING
D9
COMPONENTS
D1,D2,=IN4732
D3,D4,D5,D6,D7=IN4003
D8=IN4148
D9=IN5246B
VAR1,VAR2,VAR3-V130LA20A
C1,C3=10
µF,60V,5%
C2=1.0
µF,100V,5%
C4=0.1
µF,100V,5%
C5=0.01
µF,100V,5%
C6=0.33
µF,200V,5%
R1=1/4W,1%,6.8k
R2,R5=1/4W,10%,10k
R3=1/2W,10%,50
Ω
R4=1/4W,10%,680
Ω
R6=1/4W,10%,100k
Ω
R7=1/4W,10%,1k
Ω
R8,R9=1/2W,10%,10
Ω
Q1=MPSA90
Q2=ZN6716
Q3=BC238
T1=FILTRAN TPF712 (or EQUIVALENT) 600
Ω:1
1
3 C1
D2
D1
MH88510
MT8816
MH88510
1dB
-2dB
0dB
0dB
1dB
-1dB
-1dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com