Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH88511 Datasheet HTML 1Page - Mitel Networks Corporation MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2-55
Preliminary Information
MH88510/11
Functional Description
The BORSH Functions
The MH88510/11 performs all of the Borsh functions
of Battery Feed, Overvoltage Protection, Ringing,
Supervision and Hybrid (2-2 Wire).
Battery Feed
The MH88510/11 powers the telephone set with
constant
DC
loop
current
for
shortlines
and
automatically reverts to constant voltage for long
lines. Since the Tip drive is powered down from the
VDD supply, loop current flows through both the VBAT
supply and the VDD supply.
Overvoltage Protection
The MH88510/11 is protected from short term (20ms)
transients (+250V) between Tip and Ring, Tip and
ground, and Ring and Ground. However additional
protection circuitry may be needed depending on the
requirements which must be met. Normally, simple
external shunt protection as shown in Figures 5 and
6 is all that is required.
Ringing
The ringing insertion circuitry has the capability to
provide ringing voltage to the telephone set by
simply adding an external relay, ring generator and a
200
Ω limiting resistor. The internal relay driver
switches ringing voltage on to the line via the
external ring relay. The SLIC provides two internal
300W battery feed resistors through which the
ringing current will flow. A clamp diode is included
which suppresses voltage transients during relay
switching caused by the relay coil. In addition, the
circuit prevents connection of the ringing source
during off-hook conditions. See figure 5 for typical
application.
Hybrid
The 2-2 Wire hybrid circuit converts the incoming
balanced signal at Tip and Ring of the telephone line
into a ground referenced output signal at JUNC of
the SLIC, and converts the ground referenced input
signal at JUNC of the SLIC into a non-balanced
output signal at Tip and Ring of the telephone line.
Line Impedance
The MH88510/11’s Tip-Ring(Zin) impedance is fixed
at 600
Ω. For correct SLIC impedance, JUNC must
be appropriately terminated. See AC Electrical
Characteristics.
Supervision
The loop detection circuit determines whether a low
enough impedance is across Tip and Ring to be
recognised as an Off-Hook condition. When an off-
hook condition occurs, the SHK and LED outputs
toggle to a logic low level. These outputs also toggle
during incoming dial pulses.
Figure 3 - SLIC Crosspoint Switch Connection
MH88510/11
MH88510/11
TIP
RING
TIP
RING
TIP
RING
TIP
RING
JUNC
JUNC
75
Ω
75
Ω
CROSSPOINT
SWITCH
CROSSPOINT
SWITCH
16
16
1
3
1
3
SLIC 1
SLIC 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com