Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MH88511 Datasheet HTML 1Page - Mitel Networks Corporation MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MH88510/11
Preliminary Information
2-56
The SHK output has low drive capability while the
LED output can drive an LED directly. The detection
circuit engages a ringing filter during applied ringing.
The ringing filter ensures that the SHK output toggles
at the ringing cadence and not at the ringing
frequency.
The
ring
trip
detection
circuit
also
prevents false off-hook detection due to the current
associated with the AC ringing voltage as well as
current
transients when
the
ringing
votlage is
switched in and out.
Hybrid
The 2- wire hybrid circuit converts the incoming
balanced signal at Tip and Ring of the telephone line
into a ground referenced output signal at JUNC of
the SLIC, and converts the ground referenced input
signal at JUNC of the SLIC into a non-balanced
output signal at Tip and Ring of the telephone line.
Return Loss at Tip-Ring
To maximise return loss, the impedance at Tip-Ring
should
match
the
SLIC’s
impedance
(600
Ω).
However, the SLIC’s input impedance is dependent
on the JUNC termination resistance. For a 600
Ω
SLIC
input
impedance,
the
JUNC
must
be
terminated with 754
Ω.
Figure 2 illustrates a typical connection between two
SLICs through two crosspoint switches. Optimum
return loss occurs when JUNC is terminated with
754
Ω. Since the JUNC input/output is 604Ω and the
crosspoint switches resistance are 75
Ω + 75Ω, this
configuration gives optimum return loss as shown in
Figure 3.
MUTE
A logic low at the MUTE input results on, muted
signals coming from Tip and Ring to the JUNC
terminal while allowing signals from the JUNC
terminal to Tip and Ring to be transmitted.
Tip-Ring Drive Circuit
The audio input ground referenced signal at JUNC is
converted to a differential output signal at Tip and
Ring. The output signal consists of the audio signal
superimposed on the DC battery feed current. The
Tip-Ring drive circuit is optimsed for good 2-Wire
longitudinal balance.
In addition, the Tip-Ring Drive Circuit has the
capability to drive a dry line (a line with no DC
current flowing); the AC Electrical Characteristics
apply (except for longitudinal balance), even when
the loop current drops to zero. Therefore, the
MH88510 has the capability to drive a line much
longer
than
2000
Ω providing the user is not
concerned with loop current, SHK detection or
ringing generator current.
Short Circuit Protection
The MH88510 is protected from long term (infinite)
short circuit conditions occurring between Tip and
Ring, Tip and AGND, and Ring and AGND.
Line Impedance
The MH88510’s Tip-Ring (Zin) impedance is fixed at
600
Ω. For correct SLIC impedance, JUNC must be
appropriately
terminated.
See
AC
Electrical
Characteristics.
Transmit and Receive Gain
Transmit Gain (JUNC to Tip-Ring) and Receive Gain
(Tip-Ring to JUNC) are fixed. For correct gain, the
SLIC
input
impedance
must
match
the
line
impedance
and
JUNC
must
be
appropriately
terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com