Electronic Components Datasheet Search
  English  ▼

X  

MH88511 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH88511
Description  Subscriber Line Interface Circuit (SLIC) Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88511 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH88511 Datasheet HTML 1Page - Mitel Networks Corporation MH88511 Datasheet HTML 2Page - Mitel Networks Corporation MH88511 Datasheet HTML 3Page - Mitel Networks Corporation MH88511 Datasheet HTML 4Page - Mitel Networks Corporation MH88511 Datasheet HTML 5Page - Mitel Networks Corporation MH88511 Datasheet HTML 6Page - Mitel Networks Corporation MH88511 Datasheet HTML 7Page - Mitel Networks Corporation MH88511 Datasheet HTML 8Page - Mitel Networks Corporation MH88511 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-53
®
Features
•
High Gain version MH88511
•
Compatible with popular MH88500
•
Operates with a wide range of battery voltages
•
Constant current battery feed
•
Dry line compatible
•
Overvoltage and short circuit protection
•
Ringing Feed
•
Off-hook detection and LED indicator drive
•
Dial pulse detection
•
Ring trip filter with auto ring trip
•
Relay driver
•
Transformerless 2-2 wire conversion
•
Low power consumption
•
Mute of incoming audio
•
Few external components
Applications
•
Line Interface for:
•
PABX
•
Intercoms
•
Key Systems
Description
The Mitel MH88510/11 Subscriber Line Interface
Circuit provides a complete interface between the
telephone line and a speech switch requiring only
single
bidirectional
switch
per
crosspoint.
The
functions
provided
by the MH88510/11 include
bidirectional differential to single ended conversion
in the speech path, line battery feed, ringing feed
and loop and dial pulse detection. The device is
fabricated as a thick film hybrid which incorporates
various technologies for optimum circuit board and
very high reliability.
TF
TIP
RING
RF
VBAT AGND VDD VEE
SHK
LED
RRC
RRD VRLY RGND
MUTE
JUNC
Tip
Drive
Current &
Voltage
Sensing
Ring Short
Protection
2-2 Wire
Hybrid
Constant
Current/Voltage
Control
Ring Trip
Filter
Line
Supervision
Relay
Driver
ISSUE 1
April 1995
Ordering Information
MH88510
20 Pin SIL Package
MH88511
20 Pin SIL Package
0
°C to 70°C
Figure 1 - Functional Block Diagram
MH88510/11
Subscriber Line Interface Circuit (SLIC)
Preliminary Information


Similar Part No. - MH88511

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88524 MITEL-MH88524 Datasheet
87Kb / 10P
Dual 2-4 Wire Circuit Preliminary Information
More results

Similar Description - MH88511

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
Subscriber Line Interface Circuit (SLIC) Advance Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
Subscriber Line Interface Circuit Preliminary Information
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
SLIC Subscriber Line Interface Circuit
May 1997
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
SLIC Subscriber Line Interface Circuit
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com