Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9044AP Datasheet HTML 1Page - Mitel Networks Corporation MT9044AP Datasheet HTML 2Page - Mitel Networks Corporation MT9044AP Datasheet HTML 3Page - Mitel Networks Corporation MT9044AP Datasheet HTML 4Page - Mitel Networks Corporation MT9044AP Datasheet HTML 5Page - Mitel Networks Corporation MT9044AP Datasheet HTML 6Page - Mitel Networks Corporation MT9044AP Datasheet HTML 7Page - Mitel Networks Corporation MT9044AP Datasheet HTML 8Page - Mitel Networks Corporation MT9044AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
MT9044
T1/E1/OC3 System Synchronizer
Features
•
Supports AT&T TR62411 and Bellcore
GR-1244-CORE Stratum 3, Stratum 4
Enhanced and Stratum 4 timing for DS1
interfaces
•
Supports ITU-T G.812 Type IV clocks for 1,544
kbit/s interfaces and 2,048 kbit/s interfaces
•
Supports ETSI ETS 300 011, TBR 4, TBR 12
and TBR 13 timing for E1 interfaces
•
Selectable 1.544MHz, 2.048MHz or 8kHz input
reference signals
•
Provides C1.5, C2, C3, C4, C6, C8, C16, and
C19 (STS-3/OC3 clock divided by 8) output
clock signals
•
Provides 5 different styles of 8 KHz framing
pulses
•
Holdover frequency accuracy of 0.05 PPM
•
Holdover indication
•
Attenuates wander from 1.9Hz
•
Provides Time Interval Error (TIE) correction
•
Accepts reference inputs from two independent
sources
•
JTAG Boundary Scan
Applications
•
Synchronization and timing control for
multitrunk T1,E1 and STS-3/OC3 systems
•
ST-BUS clock and frame pulse sources
Description
The
MT9044
T1/E1/OC3
System
Synchronizer
contains a digital phase-locked loop (DPLL), which
provides timing and synchronization signals for
multitrunk T1 and E1 primary rate transmission links
and STS-3/0C3 links.
The MT9044 generates ST-BUS clock and framing
signals that are phase locked to either a 2.048MHz,
1.544MHz, or 8kHz input reference.
The MT9044 is compliant with AT&T TR62411 and
Bellcore GR-1244-CORE Stratum 3, Stratum 4
Enhanced, and Stratum 4; and ETSI ETS 300 011. It
will meet the jitter/wander tolerance, jitter/wander
transfer, intrinsic jitter/wander, frequency accuracy,
capture
range,
phase
change
slope,
holdover
frequency
and
MTIE
requirements
for
these
specifications.
Ordering Information
MT9044AP
44 Pin PLCC
MT9044AL
44 Pin MQFP
-40 to +85
°C
Figure 1 - Functional Block Diagram
MS1
MS2
GTo
GTi
FS1
FS2
TCK
SEC
RST
RSEL
LOS1
LOS2
VDD
VSS
TCLR
C3o
C1.5o
C2o
C4o
C8o
C16o
F0o
F8o
F16o
OSCo
OSCi
C19o
TDO
PRI
TDI
TMS
TRST
C6o
RSP
TSP
ACKi
ACKo
HOLDOVER
Output
Interface
Circuit
Frequency
Select
MUX
Master Clock
APLL
Feedback
Guard Time
Circuit
State
Select
Input
Impairment
Monitor
Virtual
Reference
DPLL
TIE
Corrector
Circuit
State
Select
IEEE
1149.1a
Automatic/Manual
Control State Machine
Reference
Select
MUX
Reference
Select
TIE
Corrector
Enable
Selected
Reference
DS5058
ISSUE 3
September 1999
Advance Information


Similar Part No. - MT9044AP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
T1/E1 Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
SONET/SDH System Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
249Kb / 21P
SONET/SDH Clock Multiplier PLL
MT90401AB ZARLINK-MT90401AB Datasheet
650Kb / 38P
SONET/SDH System Synchronizer
MT90401AB1 ZARLINK-MT90401AB1 Datasheet
650Kb / 38P
SONET/SDH System Synchronizer
More results

Similar Description - MT9044AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
T1/E1 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
T1/E1 Stratum 3 System Synchronizer
MT9046 ZARLINK-MT9046 Datasheet
508Kb / 34P
T1/E1 System Synchronizer with Holdover
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
PT7A4401C T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
T1/E1 System Synchronizer
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
T1/E1 Stratum 3 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com