Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9044AP Datasheet HTML 1Page - Mitel Networks Corporation MT9044AP Datasheet HTML 2Page - Mitel Networks Corporation MT9044AP Datasheet HTML 3Page - Mitel Networks Corporation MT9044AP Datasheet HTML 4Page - Mitel Networks Corporation MT9044AP Datasheet HTML 5Page - Mitel Networks Corporation MT9044AP Datasheet HTML 6Page - Mitel Networks Corporation MT9044AP Datasheet HTML 7Page - Mitel Networks Corporation MT9044AP Datasheet HTML 8Page - Mitel Networks Corporation MT9044AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Advance Information
MT9044
5
Functional Description
The MT9044 is a Multitrunk System Synchronizer,
providing timing (clock) and synchronization (frame)
signals to interface circuits for T1 and E1 Primary
Rate Digital Transmission links.
Figure 1 shows the functional block diagram which is
described in the following sections.
Reference Select MUX Circuit
The MT9044 accepts two simultaneous reference
input signals and operates on their falling edges.
Either the primary reference (PRI) signal or the
secondary reference (SEC) signal can be selected
as input to the TIE Corrector Circuit. The selection is
based
on
the
Control,
Mode
and
Reference
Selection of the device. See Tables 1, 4 and 5.
Frequency Select MUX Circuit
The MT9044 operates with one of three possible
input reference frequencies (8kHz, 1.544MHz or
2.048MHz). The frequency select inputs (FS1 and
FS2) determine which of the three frequencies may
be used at the reference inputs (PRI and SEC). Both
inputs must have the same frequency applied to
them. A reset (RST) must be performed after every
frequency select input change. Operation with FS1
and FS2 both at logic low is reserved and must not
be used. See Table 1.
Table 1 - Input Frequency Selection
Time Interval Error (TIE) Corrector Circuit
The TIE corrector circuit, when enabled, prevents a
step change in phase on the input reference signals
(PRI or SEC) from causing a step change in phase at
the input of the DPLL block of Figure 1.
During reference input rearrangement, such as
during a switch from the primary reference (PRI) to
the secondary reference (SEC), a step change in
phase on the output signals will occur. A phase step
at the input of the DPLL will lead to unacceptable
phase changes in the output signal.
As shown in Figure 3, the TIE Corrector Circuit
receives one of the two reference (PRI or SEC)
signals, passes the signal through a programmable
delay line, and uses this delayed signal as an
internal virtual reference, which is input to the DPLL.
Therefore, the virtual reference is a delayed version
of the selected reference.
During a switch, from one reference to the other, the
State Machine first changes the mode of the device
FS2
FS1
Input Frequency
0
0
Reserved
0
1
8kHz
1
0
1.544MHz
1
1
2.048MHz
Figure 3 - TIE Corrector Circuit
Programmable
Delay Circuit
Control Signal
Delay Value
TCLR
Resets Delay
Compare
Circuit
TIE Corrector
Enable
from
State Machine
Control
Circuit
Feedback
Signal from
Frequency
Select MUX
PRI or SEC
from
Reference
Select Mux
Virtual
Reference
to DPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com