Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 27 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 27 Page - Mitel Networks Corporation

Back Button MT9044AP Datasheet HTML 22Page - Mitel Networks Corporation MT9044AP Datasheet HTML 23Page - Mitel Networks Corporation MT9044AP Datasheet HTML 24Page - Mitel Networks Corporation MT9044AP Datasheet HTML 25Page - Mitel Networks Corporation MT9044AP Datasheet HTML 26Page - Mitel Networks Corporation MT9044AP Datasheet HTML 27Page - Mitel Networks Corporation MT9044AP Datasheet HTML 28Page - Mitel Networks Corporation MT9044AP Datasheet HTML 29Page - Mitel Networks Corporation MT9044AP Datasheet HTML 30Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Advance Information
MT9044
27
† See "Notes" following AC Electrical Characteristics tables.
† See "Notes" following AC Electrical Characteristics tables.
AC Electrical Characteristics - 2.048MHz Input to 2.048 MHz Output Jitter Transfer
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Jitter at output for 1Hz@3.00UIpp input
2.9
UIpp
1-3,8,9-14,21-22,24,30,35
2
with 40Hz to 100kHz filter
0.09
UIpp
1-3,8,9-14,21-22,24,30,36
3
Jitter at output for 3Hz@2.33UIpp input
1.3
UIpp
1-3,8,9-14,21-22,24,30,35
4
with 40Hz to 100kHz filter
0.10
UIpp
1-3,8,9-14,21-22,24,30,36
5
Jitter at output for 5Hz@2.07UIpp input
0.80
UIpp
1-3,8,9-14,21-22,24,30,35
6
with 40Hz to 100kHz filter
0.10
UIpp
1-3,8,9-14,21-22,24,30,36
7
Jitter at output for 10Hz@1.76UIpp input
0.40
UIpp
1-3,8,9-14,21-22,24,30,35
8
with 40Hz to 100kHz filter
0.10
UIpp
1-3,8,9-14,21-22,24,30,36
9
Jitter at output for 100Hz@1.50UIpp input
0.06
UIpp
1-3,8,9-14,21-22,24,30,35
10
with 40Hz to 100kHz filter
0.05
UIpp
1-3,8,9-14,21-22,24,30,36
11
Jitter at output for 2400Hz@1.50UIpp input
0.04
UIpp
1-3,8,9-14,21-22,24,30,35
12
with 40Hz to 100kHz filter
0.03
UIpp
1-3,8,9-14,21-22,24,30,36
13
Jitter at output for 100kHz@0.20UIpp input
0.04
UIpp
1-3,8,9-14,21-22,24,30,35
14
with 40Hz to 100kHz filter
0.02
UIpp
1-3,8,9-14,21-22,24,30,36
AC Electrical Characteristics - 8kHz Input Jitter Tolerance
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Jitter tolerance for 1Hz input
0.80
UIpp
1-3,6,9-14,21-22,24-26,28
2
Jitter tolerance for 5Hz input
0.70
UIpp
1-3,6,9-14,21-22,24-26,28
3
Jitter tolerance for 20Hz input
0.60
UIpp
1-3,6,9-14,21-22,24-26,28
4
Jitter tolerance for 300Hz input
0.20
UIpp
1-3,6,9-14,21-22,24-26,28
5
Jitter tolerance for 400Hz input
0.15
UIpp
1-3,6,9-14,21-22,24-26,28
6
Jitter tolerance for 700Hz input
0.08
UIpp
1-3,6,9-14,21-22,24-26,28
7
Jitter tolerance for 2400Hz input
0.02
UIpp
1-3,6,9-14,21-22,24-26,28
8
Jitter tolerance for 3600Hz input
0.01
UIpp
1-3,6,9-14,21-22,24-26,28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com