Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT9044AP Datasheet HTML 2Page - Mitel Networks Corporation MT9044AP Datasheet HTML 3Page - Mitel Networks Corporation MT9044AP Datasheet HTML 4Page - Mitel Networks Corporation MT9044AP Datasheet HTML 5Page - Mitel Networks Corporation MT9044AP Datasheet HTML 6Page - Mitel Networks Corporation MT9044AP Datasheet HTML 7Page - Mitel Networks Corporation MT9044AP Datasheet HTML 8Page - Mitel Networks Corporation MT9044AP Datasheet HTML 9Page - Mitel Networks Corporation MT9044AP Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
MT9044
Advance Information
from Normal to Holdover.
In Holdover Mode, the
DPLL no longer uses the virtual reference signal, but
generates an accurate clock signal using storage
techniques. The Compare Circuit then measures the
phase delay between the current phase (feedback
signal) and the phase of the new reference signal.
This delay value is passed to the Programmable
Delay Circuit (See Figure 3).
The new virtual
reference signal is now at the same phase position
as the previous reference signal would have been if
the reference switch had not taken place. The State
Machine then returns the device to Normal Mode.
The DPLL now uses the new virtual reference signal,
and since no phase step took place at the input of
the DPLL, no phase step occurs at the output of the
DPLL. In other words, reference switching will not
create a phase change at the input of the DPLL, or at
the output of the DPLL.
Since internal delay circuitry maintains the alignment
between the old virtual reference and the new virtual
reference, a phase error may exist between the
selected input reference signal and the output signal
of the DPLL. This phase error is a function of the
difference in phase between the two input reference
signals during reference rearrangements. Each time
a reference switch is made, the delay between input
signal and output signal will change. The value of
this delay is the accumulation of the error measured
during each reference switch.
The programmable delay circuit can be zeroed by
applying a logic low pulse to the TIE Circuit Reset
(TCLR) pin. A minimum reset pulse width is 300ns.
This results in a phase alignment between the input
reference signal and the output signal as shown in
Figure 20.
The speed of the phase alignment
correction
is
limited
to
5ns
per
125us,
and
convergence is in the direction of least phase travel.
The state diagrams of Figure 7 and 8 indicate the
state changes that activate the TIE Corrector Circuit.
Digital Phase Lock Loop (DPLL)
As shown in Figure 4, the DPLL of the MT9044
consists of a Phase Detector, Limiter, Loop Filter,
Digitally Controlled Oscillator, and a Control Circuit.
Phase Detector - the Phase Detector compares the
virtual reference signal from the TIE Corrector circuit
with the feedback signal from the Frequency Select
MUX
circuit,
and
provides
an
error
signal
corresponding to the phase difference between the
two. This error signal is passed to the Limiter circuit.
The Frequency Select MUX allows the proper
feedback signal to be externally selected (e.g., 8kHz,
1.544MHz or 2.048MHz).
Limiter - the Limiter receives the error signal from
the Phase Detector and ensures that the DPLL
responds to all input transient conditions with a
maximum output phase slope of 5ns per 125us. This
is well within the maximum phase slope of 7.6ns per
125us or 81ns per 1.326ms specified by AT&T
TR62411, and Bellcore GR-1244-CORE.
Loop Filter - the Loop Filter is similar to a first order
low pass filter with a 1.9 Hz cutoff frequency for all
three
reference
frequency
selections
(8kHz,
1.544MHz or 2.048MHz). This filter ensures that the
jitter transfer requirements in ETS 300 011 and AT&T
TR62411 are met.
Control Circuit - the Control Circuit uses status and
control information from the State Machine and the
Input Impairment Circuit to set the mode of the
DPLL.
The three possible modes are Normal,
Holdover and Freerun.
Digitally Controlled Oscillator (DCO) - the DCO
receives the limited and filtered signal from the Loop
FIlter,
and
based
on
its
value,
generates
a
corresponding
digital
output
signal.
The
synchronization method of the DCO is dependent on
the state of the MT9044.
Figure 4 - DPLL Block Diagram
Limiter
Loop Filter
Digitally
Controlled
Oscillator
Phase
Detector
Feedback Signal from
Frequency Select MUX
State Select from
Input Impairment
Monitor
State Select from
State Machine
DPLL Reference to
Output Interface Circuit
Virtual Reference from
TIE Corrector
Control
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com