Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT9044AP Datasheet HTML 18Page - Mitel Networks Corporation MT9044AP Datasheet HTML 19Page - Mitel Networks Corporation MT9044AP Datasheet HTML 20Page - Mitel Networks Corporation MT9044AP Datasheet HTML 21Page - Mitel Networks Corporation MT9044AP Datasheet HTML 22Page - Mitel Networks Corporation MT9044AP Datasheet HTML 23Page - Mitel Networks Corporation MT9044AP Datasheet HTML 24Page - Mitel Networks Corporation MT9044AP Datasheet HTML 25Page - Mitel Networks Corporation MT9044AP Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MT9044
Advance Information
22
† See "Notes" following AC Electrical Characteristics tables.
* Supply voltage and operating temperature are as per Recommended Operating Conditions.
* Timing for input and output signals is based on the worst case result of the combination of TTL and CMOS thresholds.
* See Figure 18.
Figure 18 - Timing Parameter Measurement Voltage Levels
AC Electrical Characteristics - Performance
Characteristics
Sym
Min
Max
Units
Conditions/Notes†
1
Freerun Mode accuracy with OSCi at:
±±0ppm
-0
+0
ppm
5-8
2
±32ppm
-32
+32
ppm
5-8
3
±100ppm
-100
+100
ppm
5-8
4
Holdover Mode accuracy with OSCi at:
±0ppm
-0.05
+0.05
ppm
1,2,4,6-8,40
5
±32ppm
-0.05
+0.05
ppm
1,2,4,6-8,40
6
±100ppm
-0.05
+0.05
ppm
1,2,4,6-8,40
7
Capture range with OSCi at:
±0ppm
-230
+230
ppm
1-3,6-8
8
±32ppm
-198
+198
ppm
1-3,6-8
9
±100ppm
-130
+130
ppm
1-3,6-8
10
Phase lock time
30
s
1-3,6-14
11
Output phase continuity with:
reference switch
200
ns
1-3,6-14
12
mode switch to Normal
200
ns
1-2,4-14
13
mode switch to Freerun
200
ns
1-,4,6-14
14
mode switch to Holdover
50
ns
1-3,6-14
15
MTIE (maximum time interval error)
600
ns
1-14,27
16
Output phase slope
45
us/s
1-14,27
17
Reference input for Auto-Holdover with:
8kHz
-18k
+18k
ppm
1-3,6,9-11
18
1.544MHz
-36k
+36k
ppm
1-3,7,9-11
19
2.048MHz
-36k
+36k
ppm
1-3,8-11
AC Electrical Characteristics - Timing Parameter Measurement Voltage Levels* - Voltages are
with respect to ground (VSS) unless otherwise stated.
Characteristics
Sym
Schmitt
TTL
CMOS
Units
1
Threshold Voltage
VT
1.5
1.5
0.5VDD
V
2
Rise and Fall Threshold Voltage High
VHM
2.3
2.0
0.7VDD
V
3
Rise and Fall Threshold Voltage Low
VLM
0.8
0.8
0.3VDD
V
tIRF, tORF
Timing Reference Points
ALL SIGNALS
VHM
VT
VLM
tIRF, tORF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com