Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 18 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 18 Page - Mitel Networks Corporation

Back Button MT9044AP Datasheet HTML 14Page - Mitel Networks Corporation MT9044AP Datasheet HTML 15Page - Mitel Networks Corporation MT9044AP Datasheet HTML 16Page - Mitel Networks Corporation MT9044AP Datasheet HTML 17Page - Mitel Networks Corporation MT9044AP Datasheet HTML 18Page - Mitel Networks Corporation MT9044AP Datasheet HTML 19Page - Mitel Networks Corporation MT9044AP Datasheet HTML 20Page - Mitel Networks Corporation MT9044AP Datasheet HTML 21Page - Mitel Networks Corporation MT9044AP Datasheet HTML 22Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
MT9044
Advance Information
Reset Circuit
A simple power up reset circuit with about a 50us
reset low time is shown in Figure 14. Resistor RP is
for protection only and limits current into the RST pin
during power down conditions. The reset low time is
not critical but should be greater than 300ns.
Figure 14 - Power-Up Reset Circuit
Dual T1 Reference Sources with MT9044 in
Automatic Control
For systems requiring simple state machine control,
the application circuit shown in Figure 15 using
Automatic Control may be used.
In this circuit, the MT9044 is operating Automatically,
using a Guard Time Circuit, and the LOS1 and LOS2
inputs to determine all mode changes.
Since the
Guard Time Circuit is set to about 1s, all line
interruptions (LOS1=1) less than 1s will cause the
MT9044 to go from Primary Normal Mode to
Holdover Mode and not switch references. For line
interruptions greater than 1s, the MT9044 will switch
Modes from Holdover to Secondary
Normal,
provided that the secondary signal is valid (LOS2=0).
After receiving a good primary signal (LOS1=0), the
MT9044 will switch back to Primary Normal Mode
For complete Automatic Control state machine
details, refer to Table 5 for the State Table, and
Figure 8 for the State Diagram.
+5V
RST
RP
1k
Ω
C
10nF
R
10k
Ω
MT9044
Figure 15 - Dual T1 Reference Sources with MT9044 in 1.544MHz Automatic Control
1k
Ω
1k
Ω
10nF
To
TX Line
XFMR
MT8985
STo0
STi0
STo1
STi1
F0i
C4i
MT9044
F0o
C4o
FS1
GTo
FS2
GTi
PRI
SEC
LOS1
LOS2
OSCi
MS1
MS2
RSEL
To
RX Line
XFMR
To Line 1
Out
MT9074
To
TX Line
XFMR
DSTo
DSTi
F0i
C4i
TTIP
TRING
RTIP
RRING
LOS
E1.5o
To
RX Line
XFMR
To Line 2
10uF
150k
Ω
RST
TRST
10k
Ω
+
MT9074
DSTo
DSTi
F0i
C4i
TTIP
TRING
RTIP
RRING
LOS
E1.5o
20MHz
±32ppm
CLOCK
1k
Ω
+ 5V
+ 5V
+ 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com