Electronic Components Datasheet Search
  English  ▼

X  

MT9044AP Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT9044AP
Description  T1/E1/OC3 System Synchronizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9044AP Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT9044AP Datasheet HTML 12Page - Mitel Networks Corporation MT9044AP Datasheet HTML 13Page - Mitel Networks Corporation MT9044AP Datasheet HTML 14Page - Mitel Networks Corporation MT9044AP Datasheet HTML 15Page - Mitel Networks Corporation MT9044AP Datasheet HTML 16Page - Mitel Networks Corporation MT9044AP Datasheet HTML 17Page - Mitel Networks Corporation MT9044AP Datasheet HTML 18Page - Mitel Networks Corporation MT9044AP Datasheet HTML 19Page - Mitel Networks Corporation MT9044AP Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MT9044
Advance Information
16
Rise & Fall Time:
8ns (0.5V 4.5V 50pF)
Duty Cycle:
45% to 55%
The output clock should be connected directly (not
AC coupled) to the OSCi input of the MT9044, and
the OSCo output should be left open as shown in
Figure 9.
Crystal
Oscillator
-
Alternatively,
a
Crystal
Oscillator may be used. A complete oscillator circuit
made up of a crystal, resistor and capacitors is
shown in Figure 10.
Figure 10 - Crystal Oscillator Circuit
The accuracy of a crystal oscillator depends on the
crystal tolerance as well as the load capacitance
tolerance.
Typically, for a 20MHz crystal specified
with a 32pF load capacitance, each 1pF change in
load capacitance contributes approximately 9ppm to
the frequency deviation.
Consequently, capacitor
tolerances, and stray capacitances have a major
effect on the accuracy of the oscillator frequency.
The trimmer capacitor shown in Figure 10 may be
used to compensate for capacitive effects.
If
accuracy is not a concern, then the trimmer may be
removed, the 39pF capacitor may be increased to
56pF,
and
a
wider
tolerance
crystal
may
be
substituted.
The crystal should be a fundamental mode type - not
an overtone. The fundamental mode crystal permits
a simpler oscillator circuit with no additional filter
components and is less likely to generate spurious
responses. The crystal specification is as follows.
Frequency:
20MHz
Tolerance:
As required
Oscillation Mode:
Fundamental
Resonance Mode:
Parallel
Load Capacitance:
32pF
Maximum Series Resistance:
35
Ω
Approximate Drive Level:
1mW
e.g., CTS R1027-2BB-20.0MHZ
(
±20ppm absolute, ±6ppm 0C to 50C, 32pF, 25Ω)
Guard Time Adjustment
Excessive switching of the timing reference (from
PRI to SEC) in the MT9044 can be minimized by first
entering
Holdover
Mode
for
a
predetermined
maximum time (i.e., guard time).
If the degraded
signal returns to normal before the expiry of the
guard time (e.g. 2.5 seconds), then the MT9044 is
returned to its Normal Mode (with no reference
switch taking place). Otherwise, the reference input
may be changed from Primary to Secondary.
Figure 11 - Symmetrical Guard Time Circuit
A simple way to control the guard time (using
Automatic Control) is with an RC circuit as shown in
Figure 11.
Resistor RP is for protection only and
limits the current flowing into the GTi pin during
power down conditions.
The guard time can be
calculated as follows.
•VSIH is the logic high going threshold level for the
GTi Schmitt Trigger input, see DC Electrical
Characteristics
In cases where fast toggling might be expected of
the LOS1 input, then an unsymmetrical Guard Time
Circuit is recommended. This ensures that reference
switching doesn’t occur until the full guard time value
has expired. An unsymmetrical Guard Time Circuit
is shown in Figure 12.
OSCo
56pF
1M
Ω
39pF
3-50pF
20MHz
MT9044
OSCi
100
Ω
1uH
1uH inductor: may improve stability and is optional
GTi
C
10uF
R
150k
Ω
MT9044
GTo
+
RP
1k
Ω
guard
time
RC
V
DD
V
DD
V
SIH
–
----------------------------------



ln
×
=
guard
time
RC
0.6
×
≈
guard
time
150k
10u
×
0.6
0.9s
=
×
≈
example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com