Electronic Components Datasheet Search
  English  ▼

X  

MT9074AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9074AP
Description  T1/E1/J1 Single Chip Transceiver
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9074AP Datasheet HTML 13Page - Mitel Networks Corporation MT9074AP Datasheet HTML 14Page - Mitel Networks Corporation MT9074AP Datasheet HTML 15Page - Mitel Networks Corporation MT9074AP Datasheet HTML 16Page - Mitel Networks Corporation MT9074AP Datasheet HTML 17Page - Mitel Networks Corporation MT9074AP Datasheet HTML 18Page - Mitel Networks Corporation MT9074AP Datasheet HTML 19Page - Mitel Networks Corporation MT9074AP Datasheet HTML 20Page - Mitel Networks Corporation MT9074AP Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 122 page
background image
Advance Information
MT9074
17
Basic Frame Alignment
Time slot 0 of every basic frame is reserved for basic
frame alignment and contains either a Frame
Alignment Signal (FAS) or a Non-Frame Alignment
Signal (NFAS). FAS and NFAS occur in time slot zero
of consecutive basic frames as shown in Table 12.
Bit two is used to distinguish between FAS (bit two =
0) and NFAS (bit two = 1).
Basic frame alignment is initiated by a search for the
bit sequence 0011011 which appears in the last
seven bit positions of the FAS, see the Frame
Algorithm section. Bit position one of the FAS can be
either a CRC-4 remainder bit or an international
usage bit.
Bits four to eight of the NFAS (i.e., Sa4 - Sa8) are
additional spare bits which may be used as follows:
•Sa4 to Sa8 may be used in specific point-to-point
applications
(e.g.
transcoder
equipments
conforming to G.761).
•Sa4 may be used as a message-based data link
for operations, maintenance and performance
monitoring.
•Sa5 to Sa8 are for national usage.
A maintenance channel or data link at 4,8,12,16,or
20 kHz for selected Sa bits is provided by the
MT9074 in E1 mode to implement these functions.
Note that for simplicity all Sa bits including Sa4 are
collectively
called
national
bits
throughout
this
document.
Bit three (designated as “A”), the Remote Alarm
Indication (RAI), is used to indicate the near end
basic frame synchronization status to the far end of a
link. Under normal operation, the A (RAI) bit should
be set to 0, while in alarm condition, it is set to 1.
Bit position one of the NFAS can be either a CRC-4
multiframe
alignment
signal,
an
E-bit
or
an
international usage bit. Refer to an approvals
laboratory and national standards bodies for specific
requirements.
Table 11 - FAS and NFAS Structure
CRC-4 Multiframing in E1 mode
The primary purpose for CRC-4 multiframing is to
provide a verification of the current basic frame
alignment, although it can also be used for other
functions such as bit error rate estimation. The CRC-
4 multiframe consists of 16 basic frames numbered 0
to 15, and has a repetition rate of 16 frames X 125
microseconds/frame = 2 msec.
CRC-4 multiframe alignment is based on the 001011
bit sequence, which appears in bit position one of the
first six NFASs of a CRC-4 multiframe.
The
CRC-4
multiframe
is
divided
into
two
submultiframes, numbered 1 and 2, which are each
eight basic frames or 2048 bits in length.
The CRC-4 frame alignment verification functions as
follows. Initially, the CRC-4 operation must be
activated and CRC-4 multiframe alignment must be
achieved at both ends of the link. At the local end of
a link, all the bits of every transmit submultiframe are
passed through a CRC-4 polynomial (multiplied by
X4 then divided by X4 + X + 1), which generates a
four bit remainder. This remainder is inserted in bit
CRC
CRC
Frame/
Type
PCM 30 Channel Zero
12
3
45678
0/FAS
C1
0
0
11011
1/NFAS
01A
Sa4 Sa5 Sa6 Sa7 Sa8
2/FAS
C2
0
0
11011
3/NFAS
01A
Sa4 Sa5 Sa6 Sa7 Sa8
4/FAS
C3
0
0
11011
5/NFAS
11A
Sa4 Sa5 Sa6 Sa7 Sa8
6/FAS
C4
0
0
11011
7/NFAS
01A
Sa4 Sa5 Sa6 Sa7 Sa8
8/FAS
C1
0
0
11011
9/NFAS
11A
Sa4 Sa5 Sa6 Sa7 Sa8
10/FAS
C2
0
0
11011
11/NFAS
11A
Sa4 Sa5 Sa6 Sa7 Sa8
12/FAS
C3
0
0
11011
13/NFAS
E1
1A
Sa4 Sa5 Sa6 Sa7 Sa8
14/FAS
C4
0
0
11011
15/NFAS
E2
1A
Sa4 Sa5 Sa6 Sa7 Sa8
indicates position of CRC-4 multiframe alignment signa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com