Electronic Components Datasheet Search
  English  ▼

X  

MT9074AP Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9074AP
Description  T1/E1/J1 Single Chip Transceiver
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074AP Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9074AP Datasheet HTML 1Page - Mitel Networks Corporation MT9074AP Datasheet HTML 2Page - Mitel Networks Corporation MT9074AP Datasheet HTML 3Page - Mitel Networks Corporation MT9074AP Datasheet HTML 4Page - Mitel Networks Corporation MT9074AP Datasheet HTML 5Page - Mitel Networks Corporation MT9074AP Datasheet HTML 6Page - Mitel Networks Corporation MT9074AP Datasheet HTML 7Page - Mitel Networks Corporation MT9074AP Datasheet HTML 8Page - Mitel Networks Corporation MT9074AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
Advance Information
MT9074
3
Pin Description
Pin #
Name
Description
68 Pin
PLCC
100 Pin
MQFP
1
66
OSC1
Oscillator Input. This pin is either connected via a 20.000 MHz crystal to OSC2
where a crystal is used, or is directly driven when a 20.000 MHz. oscillator is
employed.
2
67
OSC2
Oscillator Output. Connect a 20.0 MHz crystal between OSC1 and OSC2. Not
suitable for driving other devices.
368
VSS
Negative Power Supply (Input). Digital ground.
469
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
5
70
CSTo
Control ST-BUS Output. CSTo carries serial streams for CAS and CCS
respectively a 2.048 Mbit/s ST-BUS status stream which contains the 30 receive
signalling nibbles (ABCDZZZZ or ZZZZABCD). The most significant nibbles of
each ST-BUS time slot are valid and the least significant nibbles of each ST-BUS
time slot are tristated when control bit MSN (page 01H, address 1AH, bit 1) is set
to 1. If MSN=0, the position of the valid and tristated nibbles are reversed.
6
71
CSTi
Control ST-BUS Input. CSTi carries serial streams for CAS and CCS respectively
a 2.048 Mbit/s ST-BUS control stream which contains the 30 transmit signalling
nibbles (ABCDXXXX or XXXXABCD) when RPSIG=0. When RPSIG=1 this pin
has no function. The most significant nibbles of each ST-BUS time slot are valid
and the least significant nibbles of each ST-BUS time slot are ignored when control
bit MSN (page 01H, address 1AH, bit 1) is set to 1. If MSN=0, the position of the
valid and ignored nibbles is reversed.
7
72
DSTo
Data ST-BUS Output. A 2.048 Mbit/s serial stream which contains the 24/30
PCM(T1/E1) or data channels received on the PCM 24/30 (T1/E1) line.
8
73
DSTi
Data ST-BUS Input. A 2.048 Mbit/s serial stream which contains the 24/30 (T1/
E1)PCM or data channels to be transmitted on the PCM 24/30 (T1/E1)line.
974
DS/RD
Data/Read Strobe (Input).
In Motorola mode (DS), this input is the active low data strobe of the
microprocessor interface.
In Intel mode (RD), this input is the active low read strobe of the microprocessor
interface.
10
83
CS
Chip Select (Input). This active low input enables the non-multiplexed parallel
microprocessor interface of the MT9074. When CS is set to high, the
microprocessor interface is idle and all bus I/O pins will be in a high impedance
state.
11
84
RESET
RESET (Input). This active low input puts the MT9074 in a reset condition. RESET
should be set to high for normal operation. The MT9074 should be reset after
power-up. The RESET pin must be held low for a minimum of 1
µsec. to reset the
device properly.
12
85
IRQ
Interrupt Request (Output). A low on this output pin indicates that an interrupt
request is presented. IRQ is an open drain output that should be connected to VDD
through a pull-up resistor. An active low CS signal is not required for this pin to
function.
13 -
16
86-89
D0 - D3
Data 0 to Data 3 (Three-state I/O). These signals combined with D4-D7 form the
bidirectional data bus of the microprocessor interface (D0 is the least significant
bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com