Electronic Components Datasheet Search
  English  ▼

X  

MT9074AP Datasheet(PDF) 71 Page - Mitel Networks Corporation

Part # MT9074AP
Description  T1/E1/J1 Single Chip Transceiver
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074AP Datasheet(HTML) 71 Page - Mitel Networks Corporation

Back Button MT9074AP Datasheet HTML 67Page - Mitel Networks Corporation MT9074AP Datasheet HTML 68Page - Mitel Networks Corporation MT9074AP Datasheet HTML 69Page - Mitel Networks Corporation MT9074AP Datasheet HTML 70Page - Mitel Networks Corporation MT9074AP Datasheet HTML 71Page - Mitel Networks Corporation MT9074AP Datasheet HTML 72Page - Mitel Networks Corporation MT9074AP Datasheet HTML 73Page - Mitel Networks Corporation MT9074AP Datasheet HTML 74Page - Mitel Networks Corporation MT9074AP Datasheet HTML 75Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 122 page
background image
Advance Information
MT9074
71
3-0
- - -
Unused
Bit
Name
Functional Description
7
- - -
Unused.
6
- - -
Unused.
5
HDLC0
HDLC0
Select.
If
one,
then
HDLC0 is connected to the data
link on selected Sa bits at a rate of
4, 8, 12, 16 or 20 kbits/sec. If zero,
HDLC0
is
deselected
and
all
HDLC0 interrupts are masked.
4
HDLC1
HDLC1
Select.
If
one,
then
HDLC1 is connected to time slot
16 in CCS mode. If zero, HDLC1 is
deselected
and
all
HDLC1
interrupts are masked.
3
RxTRSP
Receive
Transparent
Mode.
When this bit is set to one, the
framing function is disabled on the
receive side. Data coming from the
receive line passes through the
slip buffer and drives DSTo with an
arbitrary alignment. When zero,
the
receive
framing
function
operates normally.
2
TxTRSP
Transmit Transparent Mode. If
one, the MT9074 is in transmit
transparent mode. No framing or
signaling is imposed on the data
transmit from DSTi onto the line. If
zero, it is in termination mode.
1
TIU1
Transmit International Use One.
When CRC-4 operation is disabled
(CSYN=1), this bit is transmit on
the PCM 30 2048 kbit/sec. link in
bit position one of time-slot zero of
non-frame-alignment frames. It is
reserved for international use and
should normally be kept at one. If
CRC processing is used, i.e.,
CSYN =0, this bit is ignored.
Table 81 - HDLC Selection Word (E1)
(Page 1, Address 12H)
Bit
Name
Functional Description
Table 80 - Transmit Alarm Control Word (E1)
(Page 1, Address 11H)
0
TIU0
Transmit International Use Zero.
When CRC-4 operation is disabled
(CSYN=1), this bit is transmit on
the PCM 30 2048 kbit/sec. link in
bit position one of time-slot zero of
frame-alignment
frames.
It
is
reserved for international use and
should normally be kept at one. If
CRC processing is used, i.e.,
CSYN =0, this bit is ignored.
Bit
Name
Functional Description
7-4
TMA1-4
Transmit Multiframe Alignment
Bits One to Four. These bits are
transmitted on the PCM 30 2048
kbit/sec. link in bit positions one to
four of time slot 16 of frame zero
of every signalling multiframe.
These bits are used by the far end
to identify specific frames of a
signalling multiframe. TMA1-4 =
0000 for normal operation.
3
X1
This bit is transmitted on the PCM
30
2048
kbit/sec.
link
in
bit
position five of time slot 16 of
frame zero of every multiframe.
X1 is normally set to one.
2
Y
This bit is transmitted on the PCM
30
2048
kbit/sec.
link
in
bit
position six of time slot 16 of
frame zero of every multiframe. It
is used to indicate the loss of
multiframe
alignment
to
the
remote end of the link. If one -
loss of multiframe alignment; if
zero
-
multiframe
alignment
acquired. This bit is ignored when
AUTY is zero (page 01H, address
10H).
Table 82 - Transmit Multiframe Alignment
Signal (E1)
(Page 1, Address 13H)
Bit
Name
Functional Description
Table 81 - HDLC Selection Word (E1)
(Page 1, Address 12H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com