Electronic Components Datasheet Search
  English  ▼

X  

MT9074AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9074AP
Description  T1/E1/J1 Single Chip Transceiver
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9074AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9074AP Datasheet HTML 1Page - Mitel Networks Corporation MT9074AP Datasheet HTML 2Page - Mitel Networks Corporation MT9074AP Datasheet HTML 3Page - Mitel Networks Corporation MT9074AP Datasheet HTML 4Page - Mitel Networks Corporation MT9074AP Datasheet HTML 5Page - Mitel Networks Corporation MT9074AP Datasheet HTML 6Page - Mitel Networks Corporation MT9074AP Datasheet HTML 7Page - Mitel Networks Corporation MT9074AP Datasheet HTML 8Page - Mitel Networks Corporation MT9074AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
MT9074
Advance Information
4
17
90
Vss
Negative Power Supply (Input). Digital ground.
18
91
IC
Internal Connection. Tie to Vss (ground) for normal operation.
19
92
INT/MOT
Intel/Motorola Mode Selection (Input).A high on this pin configures the
processor interface for the Intel parallel non-multiplexed bus type. A low configures
the processor interface for the Motorola parallel non-multiplexed type.
20
93
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
21 -
24
94-97
D4 - D7
Data 4 to Data 7 (Three-state I/O). These signals combined with D0-D3 form the
bidirectional data bus of the parallel processor interface (D7 is the most significant
bit).
25
98
R/W/WR
Read/Write/Write Strobe (Input). In Motorola mode (R/W), this input controls the
direction of the data bus D[0:7] during a microprocessor access. When R/W is
high, the parallel processor is reading data from the MT9074. When low, the
parallel processor is writing data to the MT9074. For Intel mode (WR), this active
low write strobe configures the data bus lines as output.
26 -
30
99, 8-11
AC0 - AC4 Address/Control 0 to 4 (Inputs). Address and control inputs for the non-
multiplexed parallel processor interface. AC0 is the least significant input.
31
12
GNDARx
Receive Analog Ground (Input). Analog ground for the LIU receiver.
32
33
13
14
RTIP
RRING
Receive TIP and RING (Input). Differential inputs for the receive line signal - must
be transformer coupled (See Figure 5). In digital framer mode these are TTL level
inputs that connect to the digital outputs of a receiver. If the receiver serial data
output is NRZ connect that output to RTIP. If the receiver data output is split phase
unipolar signal connect one signal to RTIP and the complementary signal to
RRING.
34
15
VDDARx
Receive Analog Power Supply (Input). Analog supply for the LIU receiver (+5V
±
5%).
35
16
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
36
17
VSS
Negative Power Supply (Input). Digital ground.
37
18
TxA
Transmit A (Output). When the internal LIU is disabled (digital framer only
mode), if control bit NRZ=1, and NRZ output data is clocked out on pin TxA with
the rising edge of C1.50 (TxB has no function when NRZ format is selected). If
NRZ=0, pins TxA and TxB are a complementary pair of signals that output digital
dual-rail clocked out with the rising edge of C1.50.
38
19
TxB
Transmit B (Output). When the internal LIU is disabled and control bit NRZ=0,
pins TxA and TxB are a complementary pair of signals that output digital dual-rail
data clocked out with the rising edge of C1.50.
39
20
RxDLCLK Data Link Clock (Output). A gapped clock signal derived from the extracted clock
from the line clock, available for an external device to clock in RxDL data (at 4, 8,
12, 16 or 20 kHz) on the rising edge.
40
21
RxDL
Receive Data Link (Output). A serial bit stream containing received line data after
zero code suppression. This data is clocked out with the rising edge of E1.5o.
41
22
TxMF
Transmit Multiframe Boundary (Input). An active low input used to set the
transmit multiframe boundary (CAS or CRC multiframe). The MT9074 will generate
its own multiframe if this pin is held high. This input is usually pulled high for most
applications.
Pin Description
Pin #
Name
Description
68 Pin
PLCC
100 Pin
MQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com