Electronic Components Datasheet Search
  English  ▼

X  

MT9160AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9160AS
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9160AS Datasheet HTML 1Page - Mitel Networks Corporation MT9160AS Datasheet HTML 2Page - Mitel Networks Corporation MT9160AS Datasheet HTML 3Page - Mitel Networks Corporation MT9160AS Datasheet HTML 4Page - Mitel Networks Corporation MT9160AS Datasheet HTML 5Page - Mitel Networks Corporation MT9160AS Datasheet HTML 6Page - Mitel Networks Corporation MT9160AS Datasheet HTML 7Page - Mitel Networks Corporation MT9160AS Datasheet HTML 8Page - Mitel Networks Corporation MT9160AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
7-77
®
Features
•
Programmable
µ-Law/A-Law Codec and Filters
•
Programmable CCITT (G.711)/sign-magnitude
coding
•
Programmable transmit, receive and side-tone
gains
•
Fully differential interface to handset
transducers - including 300 ohm receiver driver
•
Flexible digital interface including ST-BUS/SSI
•
Serial microport or default controllerless mode
•
Single 5 volt supply
•
Low power operation
•
CCITT G.714 compliant
Applications
•
Digital telephone sets
•
Cellular radio sets
•
Local area communications stations
•Pair Gain Systems
•
Line cards
Description
The MT9160 5V Multi-featured Codec incorporates a
built-in Filter/Codec, gain control and programmable
sidetone path as well as on-chip anti-alias filters,
reference voltage and bias source. The device
supports both A-Law and
µ-Law requirements.
Complete telephony interfaces are provided for
connection to handset transducers. Internal register
access
is provided
through a
serial microport
compatible
with
various
industry
standard
micro-controllers.
The
device
also
supports
controllerless operation utilizing the default register
conditions.
The MT9160 is fabricated in Mitel's ISO2-CMOS
technology ensuring low power consumption and
high reliability.
Ordering Information
MT9160AE
24 Pin Plastic DIP
MT9160AS
20 Pin SOIC
-40°C to +85°C
Figure 1 - Functional Block Diagram
M -
M +
HSPKR +
HSPKR -
FILTER/CODEC GAIN
ENCODER
DECODER
7dB
-7dB
Transducer
Interface
Flexible
Digital
Interface
Timing
ST-BUS
C & D
Channels
Serial Microport
A/
µ/IRQ
VSSD
VDD
VSSA
VBias
VRef
Din
Dout
STB/F0i
CLOCKin
PWRST
IC
CS
DATA1
DATA2
SCLK
ISSUE 3
May 1995
MT9160
5 Volt Multi-Featured Codec (MFC)
ISO2-CMOS
Preliminary Information


Similar Part No. - MT9160AS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9160AN1 ZARLINK-MT9160AN1 Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT9160AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
ISO2-CMOS Integrated PCM Filter Codec
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
ISO2-CMOS 5 Volt Single Rail Codec
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
ISO2-CMOS 3 Volt Single Rail Codec
logo
Zarlink Semiconductor I...
MT9161B ZARLINK-MT9161B Datasheet
422Kb / 30P
5 Volt Multi-Featured Codec (MFC)
MT9162 ZARLINK-MT9162 Datasheet
569Kb / 22P
5 Volt Single Rail Codec
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
3 Volt Multi-Featured Codec (MFC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com