Electronic Components Datasheet Search
  English  ▼

X  

MT9160AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9160AS
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9160AS Datasheet HTML 1Page - Mitel Networks Corporation MT9160AS Datasheet HTML 2Page - Mitel Networks Corporation MT9160AS Datasheet HTML 3Page - Mitel Networks Corporation MT9160AS Datasheet HTML 4Page - Mitel Networks Corporation MT9160AS Datasheet HTML 5Page - Mitel Networks Corporation MT9160AS Datasheet HTML 6Page - Mitel Networks Corporation MT9160AS Datasheet HTML 7Page - Mitel Networks Corporation MT9160AS Datasheet HTML 8Page - Mitel Networks Corporation MT9160AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Preliminary Information
MT9160
7-81
Companding law selection for the Filter/Codec is
provided by the A/µ companding control bit while
the coding scheme is controlled by the Smag/CCITT
control bit. The A/
µ control bit is logically OR’ed with
the A/
µ pin providing access in both controller and
controllerless modes.
Both A/
µ and Smag/CCITT
reside in Control Register 2 (address 04h). Table 1
illustrates these choices.
Table 1
Transducer Interfaces
Standard handset transducer interfaces are provided
by the MT9160. These are:
• The handset microphone inputs (transmitter),
pins M+/M-. The nominal transmit amplifier gain
may be adjusted to either 6.0 dB or 15.3 dB.
Code
Sign/
Magnitude
CCITT (G.711)
µ-Law
A-Law
+ Full Scale
1111 1111
1000 0000
1010 1010
+ Zero
1000 0000
1111 1111
1101 0101
-Zero
(quiet code)
0000 0000
0111 1111
0101 0101
- Full Scale
0111 1111
0000 0000
0010 1010
Control of this gain is provided by the TxINC
control bit (Gain Control register 1, address 00h).
• The handset speaker outputs (receiver), pins
HSPKR+/HSPKR-. This internally compensated
fully differential output driver is capable of driving
the load shown in Figure 4. The nominal handset
receive path gain may be adjusted to either 0 dB,
-6 dB or -12 dB. Control of this gain is provided
by the RxINC control bit (Gain Control register 1,
address 00h). This gain adjustment is in addition
to the programmable gain provided by the receive
filter.
Figure 4 - Handset Speaker Driver
HSPKR +
HSPKR -
75
Ω
75
Ω
150 ohm
load
(speaker)
MT9160
Figure 3 - Audio Gain Partitioning
Serial Port
Filter/Codec and Transducer Interface
Handset
Receiver
(150
Ω)
PCM
Receive
Filter Gain
0 to -7 dB
(1 dB steps)
Side-tone
-9.96 to
+9. 96 dB
-11 dB
(3.32 dB steps)
-6 dB
Receiver
Driver
-6.0 dB or
0 dB
HSPKR +
HSPKR -
75
Ω
INTERNAL TO DEVICE
EXTERNAL TO DEVICE
Default Bypass
M+
M-
Transmit
Gain
6.37 dB
Transmit Gain
-0.37 dB or 8.93 dB
Transmit Filter
Gain
0 to +7 dB
(1 dB steps)
PCM
Transmitter
Microphone
Din
Dout
Transmit Filter
Gain
0 to +7 dB
(1 dB steps)
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com