Electronic Components Datasheet Search
  English  ▼

X  

MT9160AS Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT9160AS
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160AS Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT9160AS Datasheet HTML 12Page - Mitel Networks Corporation MT9160AS Datasheet HTML 13Page - Mitel Networks Corporation MT9160AS Datasheet HTML 14Page - Mitel Networks Corporation MT9160AS Datasheet HTML 15Page - Mitel Networks Corporation MT9160AS Datasheet HTML 16Page - Mitel Networks Corporation MT9160AS Datasheet HTML 17Page - Mitel Networks Corporation MT9160AS Datasheet HTML 18Page - Mitel Networks Corporation MT9160AS Datasheet HTML 19Page - Mitel Networks Corporation MT9160AS Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
MT9160
Preliminary Information
7-92
Figure 9 - Digital Telephone Set
0.1
µF
0.1
µF
VBias
+5V
75
Ω
150
Ω
75
Ω
+5V
DC to DC
Converter
Twisted Pair
+5V
DSTo
DSTi
Lin
ZT
Lout
10.24 MHz
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
F0i
C4b
VBias
+
-
+5V
330
Ω
+
10
µF
Av = 1 + 2R
T
T
100K
VBias
511
Ω
Electret
Microphone
-
+
100K
0.1
µF
511
Ω
+
A/
µ/IRQ
MT9160
M+
M+
M-
R
R
M-
0.1
µF
SCLK
DATA1
DATA2
DATA2 Motorola
Mode only
CS
INTEL
MCS-51
or
MOTOROLA
SPI
Micro-
Controller
MT8972
DNIC
+
-
M+
R
T
+5V
330
Ω
+
10
µF
Electret
Microphone
1K
+
0.1
µF
M-
VBias
Differential Amplifier
Single-ended Amplifier
Typical External Gain
AV= 5-10
()
Applications
Figure 9 shows an application in a digital phone set.
Various
configurations
of
pair
gain
drops
are
depicted in Figures 10a and 10b using the MT9125
and MT9126, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com