Electronic Components Datasheet Search
  English  ▼

X  

MT9160AS Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT9160AS
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160AS Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT9160AS Datasheet HTML 18Page - Mitel Networks Corporation MT9160AS Datasheet HTML 19Page - Mitel Networks Corporation MT9160AS Datasheet HTML 20Page - Mitel Networks Corporation MT9160AS Datasheet HTML 21Page - Mitel Networks Corporation MT9160AS Datasheet HTML 22Page - Mitel Networks Corporation MT9160AS Datasheet HTML 23Page - Mitel Networks Corporation MT9160AS Datasheet HTML 24Page - Mitel Networks Corporation MT9160AS Datasheet HTML 25Page - Mitel Networks Corporation MT9160AS Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MT9160
Preliminary Information
7-98
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 1, address 00h.
AC Characteristics† for D/A (Receive) Path - 0dBm0 = 1.421V
rms for µ-Law and 1.477Vrms for A-Law, at the Codec.
(VRef=1.0 volts and VBias=2.5 volts.)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Analog output at the Codec full
scale
ALo3.17
ALo3.14
5.704
5.906
Vp-p
Vp-p
µ-Law
A-Law
2
Absolute half-channel gain.
Din to HSPKR±
GAR1
GAR2
GAR3
GAR4
0
-6
-6
-12
dB
dB
dB
dB
DrGain=0, RxINC =1*
DrGain=0, RxINC =0*
DrGain=1, RxINC =1*
DrGain=1, RxINC =0*
@ 1020 Hz
Tolerance at all other receive
filter settings
(-1 to -7dB)
±0.2
dB
3
Gain tracking vs. input level
CCITT G.714 Method 2
GTR
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
4
Signal to total distortion vs. input
level.
CCITT G.714 Method 2
GQR
35
29
24
dB
dB
dB
0 to -30 dBm0
-40 dBm0
-45 dBm0
5
Receive Idle Channel Noise
NCR
NPR
13
-78.5
15.5
-77
dBrnC0
dBm0p
µ-Law
A-Law
6
Gain relative to gain at 1020Hz
200Hz
300 - 3000 Hz
3000 - 3400 Hz
4000 Hz
>4600 Hz
GRR
-0.25
-0.90
0.25
0.25
0.25
-12.5
-25
dB
dB
dB
dB
dB
7
Absolute Delay
DAR
240
µs
at frequency of min. delay
8
Group Delay relative to DAR
DDR
750
380
130
750
µs
µs
µs
µs
500-600 Hz
600 - 1000 Hz
1000 - 2600 Hz
2600 - 2800 Hz
9
Crosstalk
D/A to A/D
A/D to D/A
CTRT
CTTR
-74
-80
dB
dB
G.714.16
CCITT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com