Electronic Components Datasheet Search
  English  ▼

X  

MT9160AS Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9160AS
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160AS Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9160AS Datasheet HTML 1Page - Mitel Networks Corporation MT9160AS Datasheet HTML 2Page - Mitel Networks Corporation MT9160AS Datasheet HTML 3Page - Mitel Networks Corporation MT9160AS Datasheet HTML 4Page - Mitel Networks Corporation MT9160AS Datasheet HTML 5Page - Mitel Networks Corporation MT9160AS Datasheet HTML 6Page - Mitel Networks Corporation MT9160AS Datasheet HTML 7Page - Mitel Networks Corporation MT9160AS Datasheet HTML 8Page - Mitel Networks Corporation MT9160AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MT9160
Preliminary Information
7-80
Overview
The
5V
Multi-featured
Codec
(MFC)
features
complete
Analog/Digital
and
Digital/Analog
conversion of audio signals (Filter/Codec) and an
analog interface to a standard handset transmitter
and receiver (Transducer Interface). The receiver
amplifier is capable of driving a 300 ohm load.
Each of the programmable parameters within the
functional blocks is accessed through a serial
microcontroller port compatible with Intel MCS-51®,
Motorola
SPI®
and
National
Semiconductor
Microwire®
specifications.
These
parameters
include: gain control, power down, mute, B-Channel
select (ST-BUS mode), C&D channel control/access,
law
control,
digital
interface
programming
and
loopback. Optionally the device may be used in a
controllerless mode utilizing the power-on default
settings.
Functional Description
Filter/Codec
The Filter/Codec block implements conversion of the
analog 0-3.3 kHz speech signals to/from the digital
domain compatible with 64 kb/s PCM B-Channels.
Selection of companding curves and digital code
assignment are programmable. These are CCITT
G.711 A-law or
µ-Law, with true-sign/ Alternate Digit
Inversion or true-sign/Inverted Magnitude coding,
respectively. Optionally, sign- magnitude coding may
also be selected for proprietary applications.
The Filter/Codec block also implements transmit and
receive audio path gains in the analog domain.
A
programmable gain, voice side-tone path is also
included to provide proportional transmit speech
feedback to the handset receiver. This side tone path
feature is disabled by default. Figure 3 depicts the
nominal half-channel and side-tone gains for the
MT9160.
In the event of PWRST, the MT9160 defaults such
that the side-tone path is off, all programmable gains
are set to 0dB and CCITT
µ-Law is selected. Further,
the digital port is set to SSI mode operation at 2048
kb/s and the FDI and driver sections are powered up.
(See Microport section.)
The internal architecture is fully differential to provide
the best possible noise rejection as well as to allow a
wide dynamic range from a single 5 volt supply
design.
This
fully
differential
architecture
is
continued into the Transducer Interface section to
provide full chip realization of these capabilities for
the handset functions.
A reference voltage (VRef), for the conversion
requirements of the Codec section, and a bias
voltage (VBias), for biasing the internal analog
sections, are both generated on-chip. VBias is also
brought to an external pin so that it may be used for
biasing external gain setting amplifiers. A 0.1
µF
capacitor must be connected from VBias to analog
ground at all times. Likewise, although VRef may only
be used internally, a 0.1
µF capacitor from the V
Ref
pin to ground is required at all times. The analog
ground reference point for these two capacitors must
be physically the same point. To facilitate this the
VRef and VBias pins are situated on adjacent pins.
The transmit filter is designed to meet CCITT G.714
specifications. The nominal gain for this filter is 0 dB
(gain control = 0 dB). Gain control allows the output
signal to be increased up to 7 dB. An anti-aliasing
filter is included. This is a second order lowpass
implementation with a corner frequency at 25 kHz.
The receive filter is designed to meet CCITT G.714
specifications. The nominal gain for this filter is 0 dB
(gain control = 0dB). Gain control allows the output
signal to be attenuated up to 7 dB. Filter response is
peaked to compensate for the sinx/x attenuation
caused by the 8 kHz sampling rate.
Side-tone is derived from the input of the Tx filter and
is not subject to the gain control of the Tx filter
section. Side-tone is summed into the receive
handset transducer driver path after the Rx filter gain
control section so that Rx gain adjustment will not
affect side-tone levels. The side-tone path may be
enabled/disabled with the gain control bits located in
Gain Control Register 2 (address 01h).
Transmit and receive filter gains are controlled by the
TxFG0-TxFG2 and RxFG0-RxFG2
control
bits,
respectively. These are located in Gain Control
Register 1 (address 00h). Transmit filter gain is
adjustable from 0 dB to +7 dB and receive filter gain
from 0dB to -7 dB, both in 1 dB increments.
Side-tone filter gain is controlled by the STG0-STG2
control bits located in Gain Control Register 2
(address 01h). Side-tone gain is adjustable from
-9.96 dB to +9.96 dB in 3.32 dB increments.
Intel® and MCS-51® are registered trademarks of Intel Corporation
Motorola® and SPI® are registered trademarks of Motorola Corporation
National® and Microwire® are trademarks of National Semiconductor Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com