Electronic Components Datasheet Search
  English  ▼

X  

MT9160AS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT9160AS
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160AS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT9160AS Datasheet HTML 9Page - Mitel Networks Corporation MT9160AS Datasheet HTML 10Page - Mitel Networks Corporation MT9160AS Datasheet HTML 11Page - Mitel Networks Corporation MT9160AS Datasheet HTML 12Page - Mitel Networks Corporation MT9160AS Datasheet HTML 13Page - Mitel Networks Corporation MT9160AS Datasheet HTML 14Page - Mitel Networks Corporation MT9160AS Datasheet HTML 15Page - Mitel Networks Corporation MT9160AS Datasheet HTML 16Page - Mitel Networks Corporation MT9160AS Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Preliminary Information
MT9160
7-89
DrGain
When high, the receiver driver gain is set to -6 dB, with sidetone.
When low, the receiver driver gain is set to 0 dB, with no sidetone.
Path Control
ADDRESS = 02h WRITE/READ VERIFY
Power Reset Value
XX00 0000
76543210
---
-
--
DrGain
-
PDFDI
When high, the FDI PLA and the Filter/Codec are powered down. When low, the FDI is active (default).
PDDR
When high, the ear driver and Filter/Codec are powered down. In addition, in ST-BUS mode, the selected output
channel is tri-stated. In SSI mode the PCM output code will be -zero code during the valid strobe period. The output will
be tri-stated outside of the valid strobe and for the whole frame if no strobe is supplied. When low, the driver and Filter/
Codec are active if PDFDI is low (default).
Rst
When high, a software reset occurs performing the same function as the hardware reset (PWRST) except that the
microport is not affected. A software reset can be removed only by writing this bit low or by a PWRST. When low, the
reset condition is removed.
TxMute
When high the transmit PCM stream is interrupted and replaced with quiet code; thus forcing the output code into a
mute state (only the output code is muted, the transmit microphone and transmit Filter/Codec are still functional). When
low the full transmit path functions normally (default).
RxMute
When high the received PCM stream is interrupted and replaced with quiet code; thus forcing the receive path into a
mute state. When low the full receive path functions normally (default).
TxBsel
When high, the transmit B2 channel is functional in ST-BUS mode. When low, the transmit B1 channel is functional in
ST-BUS mode. Not used in SSI mode.
RxBsel
When high, the receive B2 channel is functional in ST-BUS mode. When low, the receive B1 channel is functional in
ST-BUS mode. Not used in SSI mode.
Control Register 1
ADDRESS = 03h WRITE/READ VERIFY
Power Reset Value
0000 0000
76543210
PDFDI PDDR
TxBsel RxBsel
Rst
_
TxMute RxMute
Note: Bits marked "-" are reserved bits and should be written with logic "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com