Electronic Components Datasheet Search
  English  ▼

X  

MT9162AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9162AS
Description  ISO2-CMOS 5 Volt Single Rail Codec
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9162AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9162AS Datasheet HTML 1Page - Mitel Networks Corporation MT9162AS Datasheet HTML 2Page - Mitel Networks Corporation MT9162AS Datasheet HTML 3Page - Mitel Networks Corporation MT9162AS Datasheet HTML 4Page - Mitel Networks Corporation MT9162AS Datasheet HTML 5Page - Mitel Networks Corporation MT9162AS Datasheet HTML 6Page - Mitel Networks Corporation MT9162AS Datasheet HTML 7Page - Mitel Networks Corporation MT9162AS Datasheet HTML 8Page - Mitel Networks Corporation MT9162AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
7-161
Features
•
Single 5 volt supply
•
Programmable
µ−law/A-law Codec and filters
•
Fully differential output driver
•
SSI digital interface
•
SSI speed control via external pins CSLO-CSL2
•
Individual transmit and receive mute controls
•
0dB gain in receive path
•
6dB gain in transmit path
•
Low power operation
•
ITU-T G.714 compliant
Applications
•
Cellular radio sets
•
Local area communications stations
•
Line cards
Description
The MT9162 5V single rail Codec incorporates a
built-in
Filter/Codec,
transmit
anti-alias
filter,
a
reference voltage and bias source. The device
supports both A-law and
µ-law requirements.
The analog interface is capable of driving a 20k ohm
load.
The MT9162 is fabricated in Mitel's ISO2-CMOS
technology ensuring low power consumption and
high reliability.
Ordering Information
MT9162AE
20 Pin Plastic DIP (300 mil)
MT9162AS
20 Pin SOIC
MT9162AN
20 Pin SSOP
-40
°C to +85°C
Figure 1 - Functional Block Diagram
AIN+
AIN-
AOUT +
AOUT -
FILTER/CODEC GAIN
ENCODER
DECODER
6dB
0 dB
Analog
Interface
PCM
Serial
Interface
Timing
Control
VDD
VSS
VBias
VRef
Din
Dout
STB
CLOCKin
PWRST
IC
A/
µ
CSL0
CSL1 CSL2 RXMute TXMute
DS5178
ISSUE 4
August 1999
MT9162
5 Volt Single Rail Codec
ISO2-CMOS
Advance Information


Similar Part No. - MT9162AS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9162AS ZARLINK-MT9162AS Datasheet
569Kb / 22P
5 Volt Single Rail Codec
More results

Similar Description - MT9162AS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
ISO2-CMOS Integrated PCM Filter Codec
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
ISO2-CMOS 3 Volt Single Rail Codec
logo
Zarlink Semiconductor I...
MT9162 ZARLINK-MT9162 Datasheet
569Kb / 22P
5 Volt Single Rail Codec
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
3 Volt Single Rail Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com