Electronic Components Datasheet Search
  English  ▼

X  

MT9162AS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9162AS
Description  ISO2-CMOS 5 Volt Single Rail Codec
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9162AS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9162AS Datasheet HTML 1Page - Mitel Networks Corporation MT9162AS Datasheet HTML 2Page - Mitel Networks Corporation MT9162AS Datasheet HTML 3Page - Mitel Networks Corporation MT9162AS Datasheet HTML 4Page - Mitel Networks Corporation MT9162AS Datasheet HTML 5Page - Mitel Networks Corporation MT9162AS Datasheet HTML 6Page - Mitel Networks Corporation MT9162AS Datasheet HTML 7Page - Mitel Networks Corporation MT9162AS Datasheet HTML 8Page - Mitel Networks Corporation MT9162AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Advance Information
MT9162
7-165
For synchronous operation, data is sampled from
Din, on the falling edge of BCL during the time slot
defined by the STB input. Data is made available, on
Dout, on the rising edge of BCL during the time slot
defined by the STB input. Dout is tri-stated at all
times when STB is not true. If STB is valid, then quiet
code will be transmitted on Dout during the valid
strobe period. There is no frame delay through the
PCM serial circuit for synchronous operation.
For asynchronous operation Dout and Din are as
defined for synchronous operation except that the
allowed output jitter on Dout is larger. This is due to
the resynchronization circuitry activity and will not
affect operation since the bit cell period at 128 kb/s
and 256 kb/s is relatively large. There is a one frame
delay
through
the
PCM
serial
circuit
for
asynchronous operation. Refer to the specifications
of Figures 5 & 6 for both synchronous and
asynchronous SSI timing.
PWRST
While the MT9162 is held in PWRST no device
control or functionality is possible.
Applications
Figure
4
shows
the
MT9162
in
a
line
card
application.
Figure 4 - Line Card Application
0.1
µF
0.1
µF
VBias
+5V
+5V
DC to DC
Converter
Twisted Pair
+5V
Dout
Din
Lin
ZT
Lout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
Frame Pulse
Clock
A/
µ
MT9162
Typical External Gain
AV= 5-10
()
100k
100k
100k
100k
100k
100k
100k
1k
1k
1k
1k
1k
1k
CS2
CS1
CS0
TxMUTE
RxMUTE
MT8972
DNIC
From Digital
Phone
Out to Subscriber Line
Interface
Input from Subscriber
Line Interface
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com