Electronic Components Datasheet Search
  English  ▼

X  

MT9162AS Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT9162AS
Description  ISO2-CMOS 5 Volt Single Rail Codec
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9162AS Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT9162AS Datasheet HTML 2Page - Mitel Networks Corporation MT9162AS Datasheet HTML 3Page - Mitel Networks Corporation MT9162AS Datasheet HTML 4Page - Mitel Networks Corporation MT9162AS Datasheet HTML 5Page - Mitel Networks Corporation MT9162AS Datasheet HTML 6Page - Mitel Networks Corporation MT9162AS Datasheet HTML 7Page - Mitel Networks Corporation MT9162AS Datasheet HTML 8Page - Mitel Networks Corporation MT9162AS Datasheet HTML 9Page - Mitel Networks Corporation MT9162AS Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MT9162
Advance Information
7-166
†
Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Note 1: Power delivered to the load is in addition to the bias current requirements.
Absolute Maximum Ratings†
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD - VSS
- 0.3
7
V
2
Voltage on any I/O pin
VI/VO
VSS - 0.3
VDD + 0.3
V
3
Current on any I/O pin (transducers excluded)
II/IO
± 20
mA
4
Storage Temperature
TS
- 65
+ 150
°C
5
Power Dissipation (package)
PD
750
mW
Recommended Operating Conditions - Voltages are with respect to V
SS unless otherwise stated
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5
5.25
V
2
CMOS Input Voltage (high)
VIHC
4.5
VDD
V
3
CMOS Input Voltage (low)
VILC
VSS
0.5
V
4
Operating Temperature
TA
- 40
+ 85
°C
Power Characteristics
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Static Supply Current (clock
disabled)
IDDC1
420
µA
Outputs unloaded, Input
signals static, not loaded
2
Dynamic Supply Current:
Total all functions enabled
IDDFT
7.0
10
mA
See Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com