Electronic Components Datasheet Search
  English  ▼

X  

MT9162AS Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT9162AS
Description  ISO2-CMOS 5 Volt Single Rail Codec
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9162AS Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT9162AS Datasheet HTML 3Page - Mitel Networks Corporation MT9162AS Datasheet HTML 4Page - Mitel Networks Corporation MT9162AS Datasheet HTML 5Page - Mitel Networks Corporation MT9162AS Datasheet HTML 6Page - Mitel Networks Corporation MT9162AS Datasheet HTML 7Page - Mitel Networks Corporation MT9162AS Datasheet HTML 8Page - Mitel Networks Corporation MT9162AS Datasheet HTML 9Page - Mitel Networks Corporation MT9162AS Datasheet HTML 10Page - Mitel Networks Corporation MT9162AS Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Advance Information
MT9162
7-167
† DC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note 1 - Magnitude measurement, ignore signs.
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
DC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Input HIGH Voltage CMOS inputs
VIHC
3.5
V
2
Input LOW Voltage CMOS inputs
VILC
1.5
V
3
VBias Voltage Output
VBias
VDD/2
V
Max. Load = 10k
Ω
4VRef Output Voltage
VRef
VDD/2-1.9
V
No load
5
Input Leakage Current
IIZ
0.1
10
µAV
IN=VDD to VSS
6
Positive Going Threshold
Voltage (PWRST only)
Negative Going Threshold
Voltage (PWRST only)
VT+
VT-
3.7
1.3
V
V
7
Output HIGH Current
IOH
3
7
mA
VOH = 0.9*VDD
See Note 1
8
Output LOW Current
IOL
510
mA
VOL = 0.1*VDD
See Note 1
9
Output Leakage Current
IOZ
0.01
10
µAV
OUT = VDD and VSS
10
Output Capacitance
Co
15
pF
11
Input Capacitance
Ci
10
pF
Clockin Tolerance Characteristics†
Characteristics
Min
Typ‡
Max
Units
Test Conditions
1
CLOCKin Frequency (Asynchronous
Mode)
4095.6
4096
4096.4
kHz
(i.e., 100 ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com