Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3701 Datasheet HTML 1Page - Maxim Integrated Products MAX3701 Datasheet HTML 2Page - Maxim Integrated Products MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
________________________________
MAX3701
DVD
MAX3701
RF
RF
/
(OPC)
200mA
200mAP-P
CMOS
400Mbps
RF
200MHz
600MHz
MAX3701
5
5mm2
32
QFN
________________________________
2x
DVD
1x
DVD
________________________________
♦
/
♦ 0.9ns
♦
(1nA/
√H
Hzz)
♦ 200mA
♦
♦
♦
200MHz
600MHz
♦
CMOS
♦
♦ CMOS/TTL
♦
♦
2x
________________________________________________________________ Maxim Integrated Products
1
32
31
30
29
28
27
26
910
11
12131415
18
19
20
21
22
23
24
7
6
5
4
3
2
1
MAX3701
THIN QFN*
TOP VIEW
D5
GND
GND
D4
INREF
D3
GND
8
D2
25
VCCO
GND
OUT
OUT
VCC
MDIN
*EXPOSED PAD
SEL
17
SCLK
16
____________________________
19-3008; Rev 0; 10/03
____________________________
PART
TEMP RANGE
PIN-PACKAGE
MAX3701CTJ
0°C to +70°C
32 Thin QFN
Maxim
Maxim
Maxim
Maxim
www.maxim-ic.com.cn


Similar Part No. - MAX3701

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
MAX3710ETG+ MAXIM-MAX3710ETG+ Datasheet
3Mb / 58P
125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
MAX3711 MAXIM-MAX3711 Datasheet
2Mb / 54P
125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Rev 0; 9/11
MAX3711ETG+ MAXIM-MAX3711ETG+ Datasheet
2Mb / 54P
125Mbps to 3.125Gbps Integrated Limiting Amplifier/Laser Driver with Dual-Loop Power Control
Rev 0; 9/11
MAX3724 MAXIM-MAX3724 Datasheet
342Kb / 10P
3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
More results

Similar Description - MAX3701

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2504N SONY-CXA2504N Datasheet
212Kb / 13P
Sample-and-Hold Driver IC for LCD
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
Sample and Hold
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com