Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3701 Datasheet HTML 1Page - Maxim Integrated Products MAX3701 Datasheet HTML 2Page - Maxim Integrated Products MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2x
4
_______________________________________________________________________________________
Note 1: VCCO should be selected to keep a minimum headroom of 3.0V for the driver output, OUT.
Note 2: The input pulse width has to be sufficient to achieve the desired output performance.
Note 3: Operating frequency of the set inputs (V1, V2, V3, V4, V5) is
≤ 1MHz.
Note 4: Conditions are that no single channel can be programmed beyond the maximum output level. Also, all five channels must _
be programmed so their total output current (I1 + I2 + I3 + I4 + I5) is below the maximum output level. It is important that __
this condition is assumed even for those channels not being used (i.e., those channels with inactive data signal).
Note 5: AC characteristics are guaranteed by design and characterization.
Note 6: Read oscillator is bandwidth limited, -3dB at approximately 400MHz (see the Typical Operating Characteristics).
Note 7: IDC = 50mA and IAC = 50mAP-P.
Note 8: A compensation network to match the laser diode is required to achieve the overshoot specifications, otherwise the over-
shoot can be significantly higher. (See Figure 1.)
Note 9: Output Current Noise to be measured from 10MHz to 30MHz at two separate conditions for IOUT:
i. IDC = 45mA and IAC = 40mAP-P (oscillator = 400MHz)
ii. IDC = 50mA and IAC = 70mAP-P (oscillator = 400MHz)
2
1
10
Ω
Z0 = 50
Ω
L = 20mm
DUT
2
Ω
5pF
5pF
18pF
1.3nH
SIMPLIFIED
LASER MODEL
17.5
Ω
400MHz
IAC
IDC
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.5V to +5.5V, VCCO = +8.5V to +9.5V, TA = 0
°C to +70°C. Typical values are at VCC = +5.0V, VCCO = +9.0V, IOUT =
100mA, TA = +25
°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CMOS Input Low Voltage
Applies to EN and RWB
VINREF
x 0.2
V
At high voltage
+50
Control Input Current
At low voltage
-50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com