Electronic Components Datasheet Search
  English  ▼

X  

MAX3701 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3701
Description  2x Blue Laser Driver with Sample and Hold
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3701 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3701 Datasheet HTML 1Page - Maxim Integrated Products MAX3701 Datasheet HTML 2Page - Maxim Integrated Products MAX3701 Datasheet HTML 3Page - Maxim Integrated Products MAX3701 Datasheet HTML 4Page - Maxim Integrated Products MAX3701 Datasheet HTML 5Page - Maxim Integrated Products MAX3701 Datasheet HTML 6Page - Maxim Integrated Products MAX3701 Datasheet HTML 7Page - Maxim Integrated Products MAX3701 Datasheet HTML 8Page - Maxim Integrated Products MAX3701 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2x
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage VCC ..............................................-0.5V to +6.0V
Supply Voltage VCCO ..........................................-0.5V to +10.0V
Voltage at RWB, EN, SEL, FREQ, AMP,
D2, D3, D4, D5, V1, V2, V3, V4, V5 .........-0.5V to (VCC + 0.5V)
Voltage at OUT ......................................................-0.5V to VCCO
Current from OUT............................................-20mA to +400mA
Continuous Power Dissipation (TA = +70°C)
32-Pin Thin QFN (derate 23.3mW°C above +70°C) ...1860.5mW
Operating Junction Temperature Range (TJ) ....-55°C to +150°C
Storage Ambient Temperature Range (Ts) .......-55°C to +150°C
Lead Solder Temperature (10s).......................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, VCCO = +8.5V to +9.5V, TA = 0
°C to +70°C. Typical values are at VCC = +5.0V, VCCO = +9.0V, IOUT =
100mA, TA = +25
°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY (ICC, ICCO)
+4.5
+5.0
+5.5
Power-Supply Voltage
VCC
VCCO
(Note 1)
+8.5
+9.0
+9.5
V
28
55
Power-Supply Current
ICC
ICCO
Exclude laser current and current set by
V2, V3, V4, and V5
31
mA
3
Power-Supply Off-Current
ICC
ICCO
EN = low
3
mA
HIGH-SPEED SIGNAL INPUT (D2, D3, D4, D5)
Input Voltage Reference
VINREF
For write
3.0
3.3
3.6
V
Input High Voltage
(Note 2)
VINREF
x 0.8
V
Input Low Voltage
(Note 2)
VINREF
x 0.2
V
Input Impedance
16
k
Ω
CHANNEL VOLTAGE SET (V1, V2, V3, V4, V5) (NOTE 3)
Input Resistance
Measured with respect to GND
9
19
k
Ω
Minimum Input Voltage
0V
Maximum Input Voltage
(Note 4)
3.0
3.3
3.6
V
Voltage-to-Current Gain
67
74
82
mA/V
Voltage-to-Current Gain
Nonlinearity
±5
%
Output Offset Current
-4
+4
mA
Maximum Output Current
Per channel sourcing (Note 4)
200
mA
Minimum Output Current
Total output sourcing
15
mA
RF OSCILLATOR
Output Current Swing Set Range
Set by RAMP (Notes 5, 6)
15
150
mAP-P
Output Current Swing Set
Accuracy
(Notes 5, 6)
±10
%
Oscillation Frequency Set Range
Set by RFREQ (Note 6)
200
600
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com